Zakładka z wyszukiwarką danych komponentów |
|
LC86P5632 Arkusz danych(PDF) 1 Page - Sanyo Semicon Device |
|
LC86P5632 Arkusz danych(HTML) 1 Page - Sanyo Semicon Device |
1 / 23 page 91400 RM (IM) HK No.6688-1/23 Ver.1.01 22699 Preliminary Overview The LC86P5632 is a CMOS 8-bit single chip microcontroller with one-time PROM for the LC865600 series. This microcontroller has the function and the pin description of the LC865600 series mask ROM version, and 32K-byte PROM. DIP/QFP package are available for shipping as well as LC865600 series. It is suitable to set up first release, prototyping, developing and testing of set. Features (1) Option switching by PROM data The option function of the LC865600 series can be specified by the PROM data. LC86P5632 can be checked the function of the trial pieces using the mass production board. (2) Internal one-time PROM capacity : 32768 bytes (3) Internal RAM capacity : 512 bytes Used PROM or RAM capacity are equal ROM or RAM capacity of mask ROM version which applies LC86P5632. Mask ROM version PROM capacity RAM capacity LC865632 32512 bytes 512 bytes LC865628 28672 bytes 512 bytes LC865624 24576 bytes 512 bytes LC865620 20480 bytes 384 bytes LC865616 16384 bytes 384 bytes LC865612 12288 bytes 384 bytes LC865608 8192 bytes 384 bytes Programming service We offers various services at nominal charges. These include the ROM writing, the ROM reading, the package stamping and the screening. Contact our representative for further information. 8-Bit Single Chip Microcontroller with One-Time Programmable PROM LC86P5632 Ordering number : ENN*6688 CMOS IC |
Podobny numer części - LC86P5632 |
|
Podobny opis - LC86P5632 |