Zakładka z wyszukiwarką danych komponentów |
|
LC86P5632 Arkusz danych(PDF) 4 Page - Sanyo Semicon Device |
|
LC86P5632 Arkusz danych(HTML) 4 Page - Sanyo Semicon Device |
4 / 23 page LC86P5632 No.6688-4/23 (3) ROM space (4) Ordering information 1. When ordering the identical mask ROM and PROM devices simultaneously. Provide an EPROM containing the target memory contents together with the separate order forms for each of the mask ROM and PROM versions. 2. When ordering a PROM device. Provide an EPROM containing the target memory contents together with an order form. How to use (1) Specification of option Programming data for PROM of the LC86P5632 is required. Debugged evaluation file (EVA file) must be converted to an INTEL-HEX formatted file (HEX file) with file converter program, EVA2HEX.EXE. The HEX file is used as the programming data for the LC86P5632. (2) How to program for the PROM LC86P5632 can be programmed by the EPROM programmer with attachment ; W86EP5032D, W86EP5032Q. • Recommended EPROM programmer Productor EPROM programmer Advantest R4945, R4944, R4943 Andou AF-9704 AVAL PKW-1100, PKW-3000 Minato electronics MODEL 1890A • “27512 (Vpp=12.5V) Intel high speed programming” mode available. The address must be set to “0000H to 7FFFH” and a jumper (DASEC) must be set to ‘OFF’ at programming. (3) How to use the data security function “Data security” is the disabled function to read the data of the PROM. The following is the process in order to execute the data security. 1. Set ‘ON’ the jumper of attachment. 2. Program again. Then EPROM programmer displays the error. The error means normally activity of the data security. It is not a trouble of the EPROM programmer or the LSI. 7FFFH 7F00H 7EFFH 6FFFH 5FFFH 4FFFH 3FFFH 2FFFH 1FFFH 0000H Program area 32K bytes Option data area 256 bytes LC865632 Program area 28K bytes Option Data Area LC865628 Program area 24K bytes Option Data Area LC865624 Program area 20K bytes Option Data Area LC865620 Program area 16K bytes Option Data Area LC865616 Program area 12K bytes Option Data Area LC865612 Program area 8K bytes Option Data Area LC865608 |
Podobny numer części - LC86P5632 |
|
Podobny opis - LC86P5632 |