Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC749402PT Arkusz danych(PDF) 7 Page - Sanyo Semicon Device

Numer części LC749402PT
Szczegółowy opis  CMOS IC Silicon gate LCD Picture Quality Improvement IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC749402PT Arkusz danych(HTML) 7 Page - Sanyo Semicon Device

Back Button LC749402PT Datasheet HTML 2Page - Sanyo Semicon Device LC749402PT Datasheet HTML 3Page - Sanyo Semicon Device LC749402PT Datasheet HTML 4Page - Sanyo Semicon Device LC749402PT Datasheet HTML 5Page - Sanyo Semicon Device LC749402PT Datasheet HTML 6Page - Sanyo Semicon Device LC749402PT Datasheet HTML 7Page - Sanyo Semicon Device LC749402PT Datasheet HTML 8Page - Sanyo Semicon Device LC749402PT Datasheet HTML 9Page - Sanyo Semicon Device LC749402PT Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LC749402PT
No.A1885-7/10
Continued from preceding page.
In/output format
Pin No.
Pin symbol
I/O
Format
Connecting
destination
Remarks
50
DVDD_CORE
P
-
Core Voltage
Digital
51
POL
O
F
CMOS
Digital
Voltage polarity selection signal for the source driver.
52
DEXR
O
F
CMOS
Digital
Reversed video signal output for DTR. Low output when the
DTR is OFF.
53
DVSS
P
-
GND
Digital
54
DDEO
O
F
CMOS
Digital
Data enable signal
55
DVSO / FLM2
O
F
CMOS
Digital
Vertical sync signal / Start pulse signal for gate driver
56
DHSO / SP2
O
F
CMOS
Digital
Horizontal sync signal / Start pulse signal for sourse driver
57
DVDD_IO
P
-
IO voltage
Digital
58
DCKO
O
G
CMOS
Digital
Video clock output
59
DVSS
P
-
GND
Digital
60
PDWN
I
A
CMOS
Digital
“H” power down control (Connect to GND when not used.)
61
DROUT0
O
F
CMOS
Digital
R/Cr video output (LSB when 8-bit output is selected)
62
DROUT1
O
F
CMOS
Digital
R/Cr video output
63
DROUT2
O
F
CMOS
Digital
R/Cr video output (LSB when 6-bit output is selected)
64
DVDD_CORE
P
-
Core Voltage
Digital
65
DROUT3
O
F
CMOS
Digital
R/Cr video output
66
DROUT4
O
F
CMOS
Digital
R/Cr video output
67
DROUT5
O
F
CMOS
Digital
R/Cr video output
68
DVSS
P
-
GND
Digital
69
DROUT6
O
F
CMOS
Digital
R/Cr video output
70
DROUT7
O
F
CMOS
Digital
R/Cr video output (MSB)
71
DGOUT0
O
F
CMOS
Digital
G/Y video output (LSB when 8-bit output is selected)
72
DVDD_IO
P
-
IO voltage
Digital
73
DGOUT1
O
F
CMOS
Digital
G/Y video output
74
DGOUT2
O
F
CMOS
Digital
G/Y video output (LSB when 6-bit output is selected)
75
DGOUT3
O
F
CMOS
Digital
G/Y video output
76
DGOUT4
O
F
CMOS
Digital
G/Y video output
77
DGOUT5
O
F
CMOS
Digital
G/Y video output
78
DGOUT6
O
F
CMOS
Digital
G/Y video output
79
DVSS
P
-
GND
Digital
80
DGOUT7
O
F
CMOS
Digital
G/Y video output (MSB)
81
DBOUT0
O
F
CMOS
Digital
B/Cb/C video output (LSB when 8-bit output is selected)
82
DBOUT1
O
F
CMOS
Digital
B/Cb/C video output
83
DVDD_IO
P
-
IO voltage
Digital
84
DBOUT2
O
F
CMOS
Digital
B/Cb/C video output (LSB when 6-bit output is selected)
85
DBOUT3
O
F
CMOS
Digital
B/Cb/C video output
86
DBOUT4
O
F
CMOS
Digital
B/Cb/C video output
87
DVSS
P
-
GND
Digital
88
DBOUT5
O
F
CMOS
Digital
B/Cb/C video output
89
DBOUT6
O
F
CMOS
Digital
B/Cb/C video output
90
DBOUT7
O
F
CMOS
Digital
B/Cb/C video output (MSB)
91
PWM
O
D
CMOS
Digital
Pulse width modulation waveform output
92
DVDD_CORE
P
-
Core Voltage
Digital
93
XRST
I
A
CMOS
Digital
System reset (“L” reset)
94
INTO
O
D
CMOS
Digital
Interrupt
95
TEST
I
B
CMOS
Digital
Test setting (Connect to GND normally)
96
DVSS
P
-
GND
Digital
97
SCK_SCL
I
C
CMOS
Digital
Bus clock (shared with SIO/I
2C)
98
SRXD_SDA
I/O
H
CMOS
Digital
SIO data input / I
2C data input/output
99
STXD
O
D
CMOS
Digital
SIO data
100
DVDD_IO
P
-
IO voltage
Digital


Podobny numer części - LC749402PT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC749402BG SANYO-LC749402BG Datasheet
103Kb / 11P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
More results

Podobny opis - LC749402PT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC749402BG SANYO-LC749402BG Datasheet
103Kb / 11P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749403BG SANYO-LC749403BG Datasheet
230Kb / 13P
   Silicon gate LCD Picture Quality Improvement IC
logo
Princeton Technology Co...
PT6596 PTC-PT6596 Datasheet
71Kb / 6P
   PICTURE CELL LCD DRIVER IC
logo
Toshiba Semiconductor
TC90205FG TOSHIBA-TC90205FG Datasheet
707Kb / 18P
   Picture quality improver IC embedded T-Con signal generation
2016-04-25 Rev.1.00
logo
Sanyo Semicon Device
LC749450NW SANYO-LC749450NW Datasheet
116Kb / 17P
   Silicon Gate CMOS IC Digital RGB Image Processor IC
logo
Siemens Semiconductor G...
SDA9388X SIEMENS-SDA9388X Datasheet
74Kb / 2P
   Single-Chip Picture in Picture IC
logo
Sanyo Semicon Device
LC74900 SANYO-LC74900 Datasheet
188Kb / 14P
   CMOS IC Silicon gate LCD PROCESSOR LSI for small size display
logo
E-Tech Electronics LTD
MN662793 ETL-MN662793 Datasheet
818Kb / 41P
   Silicon CMOS IC
logo
NXP Semiconductors
TDA9176 PHILIPS-TDA9176 Datasheet
91Kb / 16P
   Luminance Transient Improvement LTI IC
1996 Jan 30
TDA4671 PHILIPS-TDA4671 Datasheet
152Kb / 16P
   Picture Signal Improvement PSI circuit
1996 Dec 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com