Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC866532 Arkusz danych(PDF) 10 Page - Sanyo Semicon Device

Numer części LC866532
Szczegółowy opis  8-Bit Single Chip Microcontroller with One-Time Programmable PROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866532 Arkusz danych(HTML) 10 Page - Sanyo Semicon Device

Back Button LC866532 Datasheet HTML 6Page - Sanyo Semicon Device LC866532 Datasheet HTML 7Page - Sanyo Semicon Device LC866532 Datasheet HTML 8Page - Sanyo Semicon Device LC866532 Datasheet HTML 9Page - Sanyo Semicon Device LC866532 Datasheet HTML 10Page - Sanyo Semicon Device LC866532 Datasheet HTML 11Page - Sanyo Semicon Device LC866532 Datasheet HTML 12Page - Sanyo Semicon Device LC866532 Datasheet HTML 13Page - Sanyo Semicon Device LC866532 Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LC86P6548
No.6690-10/22
1. Absolute Maximum Ratings at VSS1=VSS2=0V and Ta=25
°C
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
Supply voltage
VDDMAX
VDD1, VDD2
VDD3, VDD4
VDD1=VDD2
=VDD3=VDD4
-0.3
+7.0
VI(1)
•Ports 74 ,75
•Ports 80,81,82,83
•Port 8
• RES
-0.3
VDD+
0.3
Input voltage
VI(2)
VP
VDD-45
VDD+
0.3
Output voltage
VO(1)
S0/T0 to S15/T15
VDD-45
VDD+
0.3
VIO(1)
•Port 1
•Ports 70,71,72,73
•Ports 84,85,86,87
•Ports 0, 3 at CMOS
output option
-0.3
VDD+
0.3
VIO(2)
Ports 0, 3 at N-ch open
drain output option
-0.3
15
Input/Output
voltage
VIO(3)
S16 to S51
VDD-45
VDD+
0.3
V
IOPH(1)
Ports 0, 1, 3
•CMOS output
•At each pins
-10
IOPH(2)
S0/T0 to S15/T15
At each pins
-30
Peak
output
current
IOPH(3)
S16 to S51
At each pins
-15
ΣIOAH(1) Port 0
The total of all pins
-30
ΣIOAH(2) Ports 1, 3
The total of all pins
-30
ΣIOAH(3) S0/T0 to S15/T15
The total of all pins
-55
ΣIOAH(4) S16 to S27
The total of all pins
-60
ΣIOAH(5) S28to S39
The total of all pins
-60
High
level
output
current
Total
output
current
ΣIOAH(6) S40 to S51
The total of all pins
-60
IOPL(1)
Ports 0,1,3
At each pins
20
Peak
output
current
IOPL(2)
•Ports 70,71,72,73
•Ports 84,85,86,87
At each pins
15
ΣIOAL(1) Port 0
The total of all pins
60
ΣIOAL(2) Ports 1,3,70
The total of all pins
50
Low
level
output
current
Total
output
current
ΣIOAL(3) •Ports 71,72,73
•Ports 84,85,86,87
The total of all pins
20
mA
Maximum
power
dissipation
Pdmax
QFP100E
Ta=-30 to+70
°C
500
mW
Operating
temperature
range
Topr
-30
70
Storage
temperature
range
Tstg
-55
125
°C


Podobny numer części - LC866532

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC866532 SANYO-LC866532 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC866532A SANYO-LC866532A Datasheet
641Kb / 21P
   8-Bit Single Chip Microcontroller
More results

Podobny opis - LC866532

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time PROM
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
LC86P4564 SANYO-LC86P4564 Datasheet
356Kb / 20P
   One-time PROM built-in 8-Bit Single Chip Microcontroller?????????
LC86P4332 SANYO-LC86P4332 Datasheet
353Kb / 19P
   One-time PROM built-in 8-Bit Single Chip Microcontroller???????
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com