Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BF1102 Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części BF1102
Szczegółowy opis  Dual N-channel dual gate MOS-FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF1102 Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button BF1102_00 Datasheet HTML 4Page - NXP Semiconductors BF1102_00 Datasheet HTML 5Page - NXP Semiconductors BF1102_00 Datasheet HTML 6Page - NXP Semiconductors BF1102_00 Datasheet HTML 7Page - NXP Semiconductors BF1102_00 Datasheet HTML 8Page - NXP Semiconductors BF1102_00 Datasheet HTML 9Page - NXP Semiconductors BF1102_00 Datasheet HTML 10Page - NXP Semiconductors BF1102_00 Datasheet HTML 11Page - NXP Semiconductors BF1102_00 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2000 Apr 11
8
Philips Semiconductors
Product specification
Dual N-channel dual gate MOS-FETs
BF1102; BF1102R
handbook, halfpage
MGS370
102
10
1
10−1
10
102
103
f (MHz)
yis
(mS)
bis
gis
Fig.15 Input admittance as a function of frequency;
typical values.
VDS = 5 V; VG2 =4V.
ID = 15 mA; Tamb =25 °C.
handbook, halfpage
MCD970
10
f (MHz)
102
103
103
102
10
1
−103
−102
−10
−1
ϕrs
(deg)
ϕrs
yrs
(mS)
yrs
Fig.16 Reverse transfer admittance and phase as
a function of frequency; typical values.
VDS = 5 V; VG2 =4V.
ID = 15 mA; Tamb =25 °C.
handbook, halfpage
MGS372
102
−ϕfs
(deg)
102
1
10
10
1
10
102
103
f (MHz)
|yfs|
(mS)
ϕfs
|yfs|
Fig.17 Forward transfer admittance and phase as
a function of frequency; typical values.
VDS = 5 V; VG2 =4V.
ID = 15 mA; Tamb =25 °C.
handbook, halfpage
10
10−1
1
MCD971
10
102
103
f (MHz)
yos
(mS)
gos
bos
Fig.18 Output admittance as a function of
frequency; typical values.
VDS = 5 V; VG2 =4V.
ID = 15 mA; Tamb =25 °C.


Podobny numer części - BF1102_00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BF1102(R) NXP-BF1102(R) Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
CoolCox Limited All rig...
BF11025 COOLCOX-BF11025 Datasheet
357Kb / 1P
   DC Blower Fan 110x110x25mm
BF11025H12D COOLCOX-BF11025H12D Datasheet
357Kb / 1P
   DC Blower Fan 110x110x25mm
BF11025H12S COOLCOX-BF11025H12S Datasheet
357Kb / 1P
   DC Blower Fan 110x110x25mm
BF11025H24D COOLCOX-BF11025H24D Datasheet
357Kb / 1P
   DC Blower Fan 110x110x25mm
More results

Podobny opis - BF1102_00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Quanzhou Jinmei Electro...
BF1203 JMNIC-BF1203_15 Datasheet
172Kb / 20P
   Dual N-channel dual gate MOS-FETs
BF1102_2015 JMNIC-BF1102_2015 Datasheet
133Kb / 16P
   Dual N-channel dual gate MOS-FETs
BF1102 JMNIC-BF1102_15 Datasheet
133Kb / 16P
   Dual N-channel dual gate MOS-FETs
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com