Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC89066M Arkusz danych(PDF) 3 Page - Sanyo Semicon Device

Numer części LC89066M
Szczegółowy opis  6-Bit Video A/D Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89066M Arkusz danych(HTML) 3 Page - Sanyo Semicon Device

  LC89066M Datasheet HTML 1Page - Sanyo Semicon Device LC89066M Datasheet HTML 2Page - Sanyo Semicon Device LC89066M Datasheet HTML 3Page - Sanyo Semicon Device LC89066M Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Pin Functions
.
LC89066
Pin No.
Symbol
Description
1
D6
Digital output data (least significant bit)
2D5
Digital output data
3D4
4D3
5D2
6
D1
Digital output data (most significant bit)
7
CLK
Clock input
8
GND
Ground (analog)
9VDD
Power supply (analog)
10
VDD
11
VRH
Reference voltage input (high)
12
ANI
Analog voltage input
13
VRL
Reference voltage input (low)
14
VDD
Power supply (digital)
15
VDD
16
GND
Ground (digital)
.
LC89066M
Pin No.
Symbol
Description
1
D6
Digital output data (least significant bit)
2
D5
Digital output data
3
N.C.
No connection
4D4
Digital output data
5D3
6D2
7
D1
Digital output data (most significant bit)
8
N.C.
No connection
9
CLK
Clock input
10
GND
Ground (analog)
11
VDD
Power supply (analog)
12
VDD
13
N.C.
No connection
14
VRH
Reference voltage input (high)
15
ANI
Analog voltage input
16
VRL
Reference voltage input (low)
17
VDD
Power supply (digital)
18
N.C.
No connection
19
VDD
Power supply (digital)
20
GND
Ground (digital)
Functional Description
Signal on the analog signal input pin ANI is input into the comparators on the rising edge of the CLK input signal. This signal is
compared with the voltage divided by resistors and digitized. This digitized signal is coded by the encoder logic and output on the
next rising edge of the CLK input signal. The conversion range depends on the converter high and low reference voltage VRH and
VRL. When zero transient voltage is set to 3.000 V by VRL voltage and full scale transient voltage to 4.984 V by VRH voltage, the
output data is linearly related to the input voltage as shown in the table below.
Input voltage (V)
Output data
0
to 3.000
000000
1
3.000 to 3.032
000001
2
3.032 to 3.064
000010
3
3.064 to 3.096.
000011
..
..
..
..
..
..
61
4.920 to 4.952
111101
62
4.952 to 4.984
111110
63
4.984 to
111111
LC89066, 89066M
No.3086-3/4


Podobny numer części - LC89066M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC89060 SANYO-LC89060 Datasheet
94Kb / 5P
   6-Bit Video D/A Converters
LC89060M SANYO-LC89060M Datasheet
94Kb / 5P
   6-Bit Video D/A Converters
More results

Podobny opis - LC89066M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC89060 SANYO-LC89060 Datasheet
94Kb / 5P
   6-Bit Video D/A Converters
logo
List of Unclassifed Man...
AH8304TC ETC1-AH8304TC Datasheet
257Kb / 5P
   RGB 4-Bit Composite Video D/A converters
logo
Sony Corporation
CXD1172AM SONY-CXD1172AM Datasheet
364Kb / 11P
   6-bit 20MSPS Video A/D Converter (CMOS)
logo
Intersil Corporation
HI1172 INTERSIL-HI1172_00 Datasheet
82Kb / 7P
   6-Bit, 20MSPS, Video A/D Converter (CMOS)
CA3306 INTERSIL-CA3306_02 Datasheet
341Kb / 17P
   6-Bit, 15 MSPS, Flash A/D Converters
CA3306 INTERSIL-CA3306 Datasheet
111Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converters
August 1997
HI1172 INTERSIL-HI1172 Datasheet
60Kb / 7P
   6-Bit, 20 MSPS,Video A/D Converter (CMOS)
August 1997
logo
Fujitsu Component Limit...
MB40576 FUJITSU-MB40576 Datasheet
508Kb / 11P
   ASSP 1 CHANNEL 6-BIT VIDEO A/D CONVERTER
logo
DATEL, Inc.
ADC-833 DATEL-ADC-833 Datasheet
358Kb / 6P
   6-Bit Video Flash A/D Conyerter ADC-833
logo
Intersil Corporation
CA3338 INTERSIL-CA3338 Datasheet
59Kb / 7P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
August 1997
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com