Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC89201 Arkusz danych(PDF) 4 Page - Sanyo Semicon Device

Numer części LC89201
Szczegółowy opis  9600-bps Facsimile Modem
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89201 Arkusz danych(HTML) 4 Page - Sanyo Semicon Device

  LC89201 Datasheet HTML 1Page - Sanyo Semicon Device LC89201 Datasheet HTML 2Page - Sanyo Semicon Device LC89201 Datasheet HTML 3Page - Sanyo Semicon Device LC89201 Datasheet HTML 4Page - Sanyo Semicon Device LC89201 Datasheet HTML 5Page - Sanyo Semicon Device LC89201 Datasheet HTML 6Page - Sanyo Semicon Device LC89201 Datasheet HTML 7Page - Sanyo Semicon Device LC89201 Datasheet HTML 8Page - Sanyo Semicon Device LC89201 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Pin Assignment
Pin Functions
1. Power Supply, Clock and Test Pins
No. 4974-4/8
LC89201
Pin No.
Symbol
I/O
Function
14
31
54
DVDD
P
Digital power supply
63
73
8
13
24
35
DGND
P
Digital ground
53
64
74
38
AVDD
P
Analog power supply
51
37
AGND
P
Analog ground
52
1
PVDD
P
Frequency multiplier PLL power supply
7
PGND
P
Frequency multiplier PLL ground
50
VREF
P
Reference power supply. This must be half AVDD.
9
X2
I
System clock input (29.4912 MHz)
10
X1
O
Oscillator amplifier output
80
CLKOUT
O
Output clock, one-quarter the frequency of the internal master clock (9.216 MHz).
56
TESTMB
I
Test pin. Connect to DVDD.
55
CKSB
I
Test pin. Connect to DVDD.


Podobny numer części - LC89201

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC8920 SANYO-LC8920 Datasheet
192Kb / 8P
   FAX Modem
More results

Podobny opis - LC89201

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KS16112 SAMSUNG-KS16112 Datasheet
513Kb / 69P
   9600/14400 bps FAX MODEM
logo
List of Unclassifed Man...
FM209 ETC-FM209 Datasheet
116Kb / 12P
   9600/14400 BPS MONOFAX MODEM FAMILY
XE1276 ETC-XE1276 Datasheet
97Kb / 10P
   Compact 1200 bps Modem
logo
Fujitsu Component Limit...
MB87002 FUJITSU-MB87002 Datasheet
694Kb / 15P
   1200 BPS MSK MODEM
logo
List of Unclassifed Man...
XE2486 ETC-XE2486 Datasheet
34Kb / 10P
   Miniature 2400 bps Modem Module
logo
OKI electronic componet...
MSM6948 OKI-MSM6948 Datasheet
117Kb / 13P
   1200 bps Single Chip MSK Modem
logo
List of Unclassifed Man...
XE2420G ETC2-XE2420G Datasheet
418Kb / 22P
   Smallest World-Wide 2400 BPS Modem
XE1401 ETC1-XE1401 Datasheet
72Kb / 18P
   Multi-National 14,400 BPS Embeddable Modem
logo
OKI electronic componet...
MSM6927 OKI-MSM6927 Datasheet
222Kb / 31P
   1200 bps Single Chip FSK MODEM
MSM6926 OKI-MSM6926 Datasheet
183Kb / 25P
   300 bps Single Chip FSK MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com