Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC895126 Arkusz danych(PDF) 4 Page - Sanyo Semicon Device

Numer części LC895126
Szczegółowy opis  CD-ROM Decoder with Built-in SCSI Interface
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC895126 Arkusz danych(HTML) 4 Page - Sanyo Semicon Device

  LC895126 Datasheet HTML 1Page - Sanyo Semicon Device LC895126 Datasheet HTML 2Page - Sanyo Semicon Device LC895126 Datasheet HTML 3Page - Sanyo Semicon Device LC895126 Datasheet HTML 4Page - Sanyo Semicon Device LC895126 Datasheet HTML 5Page - Sanyo Semicon Device LC895126 Datasheet HTML 6Page - Sanyo Semicon Device LC895126 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
No. 5786-4/7
LC895126
Continued from preceding page.
Pin No.
Symbol
Type
Function
41
ZCS
I
Register chip select signal input from the microcontroller
42
CSCTRL
I
CS active low/active high selection input from the microcontroller
43
SUA0
I
44
SUA1
I
45
SUA2
I
46
SUA3
I
Microcontroller register selection signals
47
SUA4
I
48
SUA5
I
49
SUA6
I
50
D0
B
51
D1
B
Microcontroller data signals
52
D2
B
53
D3
B
54
VDD
P
55
VSS0
P
56
D4
B
57
D5
B
58
D6
B
59
D7
B
60
ZINT0
O
Interrupt request signal output to the microcontroller (ECC side. Set up by register settings.)
61
ZINT1
O
Interrupt request signal output to the microcontroller (SCSI side. Set up by register settings.)
62
ZSWAIT
O
Wait signal output to the microcontroller
63
VSS0
P
64
IOP0
B
65
IOP1
B
66
IOP2
B
General-purpose I/O
67
IOP3
B
68
IOP4
B
69
X1EN
I
Must be tied low in versions without a PLL circuit. Must be connected to VDD through a resistor in versions that use the PLL circuit.
70
ZTALCK1
I
Shock proof function oscillator circuit input. Used by the PLL circuit in PLL versions.
71
XTAL1
O
Shock proof function oscillator circuit output. Used by the PLL circuit in PLL versions.
72
VSS0
P
Analog system ground in PLL versions
73
VDD
P
Analog system power supply in PLL versions
74
VSS1
P
75
I/O
B
SCSI interface connections
76
REQ
B
77
VSS1
P
78
C/D
B
SCSI interface connections
79
SEL
B
80
NC
81
VDD
P
82
VSS1
P
83
MSG
B
SCSI interface connections
84
RST
B
85
VSS1
P
86
ACK
B
SCSI interface connections
87
BSY
B
88
VSS1
P
Continued on next page.


Podobny numer części - LC895126

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC895124 SANYO-LC895124 Datasheet
84Kb / 8P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895125Q SANYO-LC895125Q Datasheet
113Kb / 11P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895125W SANYO-LC895125W Datasheet
113Kb / 11P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895127 SANYO-LC895127 Datasheet
53Kb / 8P
   40 x CD-ROM Decoder with SCSI Interface
LC895127K SANYO-LC895127K Datasheet
53Kb / 8P
   40 x CD-ROM Decoder with SCSI Interface
More results

Podobny opis - LC895126

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC895127 SANYO-LC895127 Datasheet
53Kb / 8P
   40 x CD-ROM Decoder with SCSI Interface
LC89512W SANYO-LC89512W Datasheet
52Kb / 5P
   CD-ROM Error Correction LSI with Built-In SCSI Interface
LC895926 SANYO-LC895926 Datasheet
68Kb / 7P
   CD-R Encoder/Decoder IC with Built-in SCSI Interface
LC897127K SANYO-LC897127K Datasheet
79Kb / 14P
   SCSI CD-ROM Decoder with On-Chip DVD Interface
LC898023KW SANYO-LC898023KW Datasheet
80Kb / 13P
   40쨈 Playback/16쨈 Write CD-R/RW Encoder/Decoder IC with Built-in SCSI Interface
LC895297 SANYO-LC895297 Datasheet
71Kb / 9P
   Full CAV 20 x CD-ROM Decoder with Built-in ATA-PI (IDE) Interface and CD-DSP
LC895199K SANYO-LC895199K Datasheet
65Kb / 12P
   32 CD-ROM Decoder with ATAPI (IDE) Interface
logo
Sony Corporation
CXD1804AR SONY-CXD1804AR Datasheet
794Kb / 103P
   CD-ROM Decoder
CXD1803AQ SONY-CXD1803AQ Datasheet
385Kb / 46P
   CD-ROM DECODER
CXD1806AQ SONY-CXD1806AQ Datasheet
1Mb / 48P
   CD-ROM DECODER
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com