Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC89962M Arkusz danych(PDF) 3 Page - Sanyo Semicon Device

Numer części LC89962M
Szczegółowy opis  NTSC Format Delay Line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89962M Arkusz danych(HTML) 3 Page - Sanyo Semicon Device

  LC89962M Datasheet HTML 1Page - Sanyo Semicon Device LC89962M Datasheet HTML 2Page - Sanyo Semicon Device LC89962M Datasheet HTML 3Page - Sanyo Semicon Device LC89962M Datasheet HTML 4Page - Sanyo Semicon Device LC89962M Datasheet HTML 5Page - Sanyo Semicon Device LC89962M Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4. Measure the differential gain (DG) and differential phase (DP) using a vector scope with a 5-step function wave
input. (See the following figure.)
5. To measure LS, input a 5-step function wave and measure the ratio of the sync level (S) to the luminance level (Y).
S [mV]
LS = ————
× 100 [%]
Y [mV]
6. To measure clock leakage (Lck), measure the 4fsc (14.3 MHz) component in the output signal with a spectrum
analyzer when no input signal is presented.
7. To measure the noise level (NO), measure the noise output in the OUT pin output when no input signal is present
with a video noise meter. Set up the noise meter with a 200-kHz high-pass filter, a 4.2-MHz low-pass filter, and
3.58-MHz trap filter.
8. The following formula is used to calculate the output impedance (ZO).
V1 [mVp-p] – V2 [mVp-p]
ZO = ——————————— × 500 [Ω]
V2 [mVp-p]
9. To measure the delay time (TD), measure the delay time of the output signal to the input signal. In this measurement,
the delay time associated with the low-pass filter must be excluded.
No. 5420-3/6
LC89962, LC89962M
Output signal symbol
SW3
Input signal
V1
a
Sine wave: 200 kHz, 500 mV p-p
V2
b


Podobny numer części - LC89962M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC89960 SANYO-LC89960 Datasheet
80Kb / 5P
   NTSC 1H Delay Line
LC89960M SANYO-LC89960M Datasheet
80Kb / 5P
   NTSC 1H Delay Line
More results

Podobny opis - LC89962M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC89975M SANYO-LC89975M Datasheet
98Kb / 7P
   PAL-Format Delay Line
LC89915 SANYO-LC89915 Datasheet
74Kb / 4P
   NTSC 1H Delay Line
LC89960 SANYO-LC89960 Datasheet
80Kb / 5P
   NTSC 1H Delay Line
LC8991 SANYO-LC8991 Datasheet
39Kb / 4P
   NTSC CCD 1H Delay Line
logo
Sony Corporation
CXL1512M SONY-CXL1512M Datasheet
118Kb / 13P
   CCD Delay Line for NTSC
CXL5512M SONY-CXL5512M Datasheet
158Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5513M SONY-CXL5513M Datasheet
153Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5504M SONY-CXL5504M Datasheet
135Kb / 11P
   CMOS-CCD 1H Delay Line for NTSC
CXL5502M SONY-CXL5502M Datasheet
187Kb / 13P
   CMOS-CCD 1H Delay Line for NTSC
CXL1504M SONY-CXL1504M Datasheet
113Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com