Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC9949G Arkusz danych(PDF) 10 Page - Sanyo Semicon Device

Numer części LC9949G
Szczegółowy opis  1/6 Optical Size EIA B/W Solid-State Image Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC9949G Arkusz danych(HTML) 10 Page - Sanyo Semicon Device

Back Button LC9949G Datasheet HTML 2Page - Sanyo Semicon Device LC9949G Datasheet HTML 3Page - Sanyo Semicon Device LC9949G Datasheet HTML 4Page - Sanyo Semicon Device LC9949G Datasheet HTML 5Page - Sanyo Semicon Device LC9949G Datasheet HTML 6Page - Sanyo Semicon Device LC9949G Datasheet HTML 7Page - Sanyo Semicon Device LC9949G Datasheet HTML 8Page - Sanyo Semicon Device LC9949G Datasheet HTML 9Page - Sanyo Semicon Device LC9949G Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
PS No. 5217-10/10
LC9949G
5. Notes on Mounting
• Flare can occur if a lens with an optical size larger than 1/5" is used. Consult your Sanyo sales representative in
advance when selecting lenses.
• This product is mounted in a fully transparent plastic package, and is easily influenced by light that passes through
the mounting board from the back to the front. Design end-products to adequately block out extraneous light.
6. Shipping
• Do not drop or throw packages containing CCD sensors.
• Do not allow packages containing CCD sensors to become wet due to rain or snow.
• Protect packages containing CCD sensors from mechanical shock and vibration as much as possible during
shipping.
This catalog provides information as of February, 1996. Specifications and information herein are subject to
change without notice.
s No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace
equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of
which may directly or indirectly cause injury, death or property loss.
s Anyone purchasing any products described or contained herein for an above-mentioned use shall:
ΠAccept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and
distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all
damages, cost and expenses associated with such use:
 Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on
SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees
jointly or severally.
s Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for
volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied
regarding its use or any infringements of intellectual property rights or other rights of third parties.


Podobny numer części - LC9949G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC9945 SANYO-LC9945 Datasheet
181Kb / 8P
   1/6 Inch Optical Size CCIR Black-and-White Solid-State Imaging Device
LC9946 SANYO-LC9946 Datasheet
181Kb / 8P
   1/6 Inch Optical Size EIA Black-and-White Solid-State Imaging Device?
LC9947G SANYO-LC9947G Datasheet
180Kb / 8P
   1/5 Inch Optical Size EIA Black-and-White Solid-State Imaging Device???
LC9948G SANYO-LC9948G Datasheet
115Kb / 10P
   1/5 Optical Size CCIR B/W Solid-State Image Sensor
More results

Podobny opis - LC9949G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC9948G SANYO-LC9948G Datasheet
115Kb / 10P
   1/5 Optical Size CCIR B/W Solid-State Image Sensor
LC9998G SANYO-LC9998G Datasheet
140Kb / 11P
   1/5 Optical Size PAL Color Solid-State Image Sensor
LC9946 SANYO-LC9946 Datasheet
181Kb / 8P
   1/6 Inch Optical Size EIA Black-and-White Solid-State Imaging Device?
logo
A1 PROs co., Ltd.
AI325 A1PROS-AI325 Datasheet
87Kb / 8P
   1/3 inch CCD Image Sensor for EIA B/W Camera
logo
Sony Corporation
ICX038BLA SONY-ICX038BLA Datasheet
374Kb / 17P
   1/2 inch CCD Image Sensor for EIA B/W Camera
ICX054AL SONY-ICX054AL Datasheet
341Kb / 17P
   1/3-inch CCD Image Sensor for EIA B/W Camera
ICX414AL SONY-ICX414AL Datasheet
278Kb / 30P
   Diagonal 8mm Progressive Scan CCD Solid-state Image Sensor with Square Pixel for EIA B/W Cameras
logo
Sanyo Semicon Device
LC9997G SANYO-LC9997G Datasheet
187Kb / 9P
   1/5 Inch Optical Size NTSC Color Solid-State Image Device?
logo
Sony Corporation
ICX058ALB SONY-ICX058ALB Datasheet
442Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Cameras?
logo
Sanyo Semicon Device
LC9947G SANYO-LC9947G Datasheet
180Kb / 8P
   1/5 Inch Optical Size EIA Black-and-White Solid-State Imaging Device???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com