Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS4142IRGZR Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS4142IRGZR
Szczegółowy opis  14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4142IRGZR Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADS4142IRGZR Datasheet HTML 3Page - Texas Instruments ADS4142IRGZR Datasheet HTML 4Page - Texas Instruments ADS4142IRGZR Datasheet HTML 5Page - Texas Instruments ADS4142IRGZR Datasheet HTML 6Page - Texas Instruments ADS4142IRGZR Datasheet HTML 7Page - Texas Instruments ADS4142IRGZR Datasheet HTML 8Page - Texas Instruments ADS4142IRGZR Datasheet HTML 9Page - Texas Instruments ADS4142IRGZR Datasheet HTML 10Page - Texas Instruments ADS4142IRGZR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 81 page
background image
ADS4122, ADS4125
ADS4142, ADS4145
www.ti.com
SBAS520A
– FEBRUARY 2011 – REVISED MARCH 2011
ELECTRICAL CHARACTERISTICS: GENERAL
Typical values are at +25
°C, AVDD = 1.8V, DRVDD = 1.8V, 50% clock duty cycle, and 0dB gain, unless otherwise noted.
Minimum and maximum values are across the full temperature range: TMIN = –40°C to TMAX = +85°C, AVDD = 1.8V, and
DRVDD = 1.8V.
ADS4122/ADS4142 (65MSPS)
ADS4125/ADS4145 (125MSPS)
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Differential input voltage range
2.0
2.0
VPP
Differential input resistance (at dc); see Figure 102
> 1
> 1
M
Ω
Differential input capacitance; see Figure 103
4
4
pF
Analog input bandwidth
550
550
MHz
Analog input common-mode current (per input pin)
0.6
0.6
µA/MSPS
Common-mode output voltage
VCM
0.95
0.95
V
VCM output current capability
4
4
mA
DC ACCURACY
Offset error
–15
2.5
15
–15
2.5
15
mV
Temperature coefficient of offset error
0.003
0.003
mV/
°C
Gain error as a result of internal reference
EGREF
–2
2
–2
2
%FS
inaccuracy alone
Gain error of channel alone
EGCHAN
–0.2
–0.2
–1
%FS
Temperature coefficient of EGCHAN
0.001
0.001
Δ%/°C
POWER SUPPLY
IAVDD
42
55
62
75
mA
Analog supply current
IDRVDD(1)
Output buffer supply current
28.5
35.5
mA
LVDS interface with 100
Ω external termination
Low LVDS swing (200mV)
IDRVDD
Output buffer supply current
40
53
48
57
mA
LVDS interface with 100
Ω external termination
Standard LVDS swing (350mV)
IDRVDD output buffer supply current(1)(2)
CMOS interface(2)
15
23
mA
8pF external load capacitance
fIN = 2.5MHz
Analog power
76
112
mW
Digital power, LVDS interface, low LVDS swing
52
66.5
mW
Digital power
CMOS interface(2)
27
41.5
mW
8pF external load capacitance
fIN = 2.5MHz
Global power-down
10
15
10
15
mW
Standby
105
130
mW
(1)
The maximum DRVDD current with CMOS interface depends on the actual load capacitance on the digital output lines. Note that the
maximum recommended load capacitance on each digital output line is 10pF.
(2)
In CMOS mode, the DRVDD current scales with the sampling frequency, the load capacitance on output pins, input frequency, and the
supply voltage (see the CMOS Interface Power Dissipation section in the Application Information).
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS4122 ADS4125 ADS4142 ADS4145


Podobny numer części - ADS4142IRGZR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS4142IRGZR TI1-ADS4142IRGZR Datasheet
3Mb / 74P
[Old version datasheet]   Ultra Low-Power ADC
More results

Podobny opis - ADS4142IRGZR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS4122 TI1-ADS4122_14 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
ADS4145 TI1-ADS4145_14 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
ADS41B25 TI1-ADS41B25 Datasheet
1Mb / 57P
[Old version datasheet]   12-Bit, 125MSPS, Ultralow-Power ADC with Analog Buffer
ADS4226 TI1-ADS4226 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
ADS4245-EP TI1-ADS4245-EP Datasheet
1Mb / 63P
[Old version datasheet]   ADS4245-EP Dual-Channel, 14-Bit, 125MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com