Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS4246IRGC25 Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części ADS4246IRGC25
Szczegółowy opis  Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4246IRGC25 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADS4246IRGC25 Datasheet HTML 5Page - Texas Instruments ADS4246IRGC25 Datasheet HTML 6Page - Texas Instruments ADS4246IRGC25 Datasheet HTML 7Page - Texas Instruments ADS4246IRGC25 Datasheet HTML 8Page - Texas Instruments ADS4246IRGC25 Datasheet HTML 9Page - Texas Instruments ADS4246IRGC25 Datasheet HTML 10Page - Texas Instruments ADS4246IRGC25 Datasheet HTML 11Page - Texas Instruments ADS4246IRGC25 Datasheet HTML 12Page - Texas Instruments ADS4246IRGC25 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 97 page
background image
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
DRVDD
DA4P
DA4M
DA2P
DA2M
DA0P
DA0M
NC
NC
NC
NC
CTRL3
CTRL2
CTRL1
AVDD
AVDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DRVDD
DB2M
DB2P
DB4M
DB4P
DB6M
DB6P
DB8M
DB8P
DB10M
DB10P
RESET
SCLK
SDATA
SEN
AVDD
ThermalPad
(ConnectedtoDRGND)
ADS4222, ADS4225, ADS4226
ADS4242, ADS4245, ADS4246
www.ti.com
SBAS533
– MARCH 2011
PIN CONFIGURATION (LVDS MODE)
RGC PACKAGE(2)
QFN-64
(TOP VIEW)
(2) The PowerPAD is connected to DRGND.
NOTE: NC = do not connect.
Figure 2. ADS4222/ADS4225/ADS4226 LVDS Pinout
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS4222 ADS4225 ADS4226 ADS4242 ADS4245 ADS4246


Podobny numer części - ADS4246IRGC25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS4246IRGC25 TI-ADS4246IRGC25 Datasheet
3Mb / 104P
[Old version datasheet]   Programmable Gain up to 6dB for SNR/SFDR Trade-off
ADS4246IRGC25 TI1-ADS4246IRGC25 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
More results

Podobny opis - ADS4246IRGC25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
ADS4122 TI1-ADS4122_14 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
ADS4122 TI1-ADS4122 Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
ADS4145 TI1-ADS4145_14 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
ADS4222 TI1-ADS4222 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_14 Datasheet
4Mb / 105P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4249 TI1-ADS4249 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com