Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM42-0002_V6 Arkusz danych(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Numer części AM42-0002_V6
Szczegółowy opis  GaAs MMIC VSAT Power Amplifier, 1.4 W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM42-0002_V6 Arkusz danych(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  AM42-0002_V6 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM42-0002_V6 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM42-0002_V6 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AM42-0002_V6 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
GaAs MMIC VSAT Power Amplifier, 1.4 W
14.0 - 14.5 GHz
Rev. V6
AM42-0002
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Input and Output Return Loss vs. Frequency
Output Power & PAE vs. Input Power @ 14.25 GHz
Detector Voltage vs. Output Power @ 14.25 GHz
Typical Performance Curves @ +25°C
Output Power vs. Frequency @ PIN = +14 dBm
PAE vs. Frequency @ PIN = +14 dBm
Linear Gain vs. Frequency
20
22
24
26
28
30
32
34
12
13
14
15
16
Frequency (GHz)
0
10
20
30
40
50
12
13
14
15
16
Frequency (GHz)
24
26
28
30
32
34
0
10
20
30
40
50
04
8
12
16
Output Power (dBm)
PAE (%)
Input Power (dBm)
0
1
2
3
4
5
6
20
22
25
27
30
32
Output Power (dBm)
-20
-15
-10
-5
0
10
12
14
16
18
S11
S22
Frequency (GHz)
-15
-5
5
15
25
10
12
14
16
18
Frequency (GHz)


Podobny numer części - AM42-0002_V6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
AM42-0002 MA-COM-AM42-0002_15 Datasheet
654Kb / 5P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
More results

Podobny opis - AM42-0002_V6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
AM42-0002 MA-COM-AM42-0002_15 Datasheet
654Kb / 5P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0002 MA-COM-AM42-0002 Datasheet
157Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0002 MA-COM-AM42-0002 Datasheet
167Kb / 4P
   GaAs MMIC VSAT Power Amplifier 1.4 W 14.0 - 14.5 GHz
AM42-0007_V8 MA-COM-AM42-0007_V8 Datasheet
217Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W
AM42-0040 MA-COM-AM42-0040_15 Datasheet
613Kb / 5P
   GaAs MMIC VSAT Power Amplifier 2.0 W
AM42-0040_V5 MA-COM-AM42-0040_V5 Datasheet
154Kb / 4P
   GaAs MMIC VSAT Power Amplifier 2.0 W
AM42-0007 MA-COM-AM42-0007 Datasheet
217Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W
AM42-0007 MA-COM-AM42-0007_15 Datasheet
742Kb / 5P
   GaAs MMIC VSAT Power Amplifier, 2.0 W
AM42-0040 MA-COM-AM42-0040 Datasheet
154Kb / 4P
   GaAs MMIC VSAT Power Amplifier 2.0 W
logo
Tyco Electronics
AM42-0002 MACOM-AM42-0002 Datasheet
134Kb / 4P
   GaAs MMIC VSAT Power Amplifier 1.4W
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com