Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL24211IRTZ-EVALZ Arkusz danych(PDF) 9 Page - Intersil Corporation

Numer części ISL24211IRTZ-EVALZ
Szczegółowy opis  Programmable VCOM Calibrator with EEPROM and Output Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24211IRTZ-EVALZ Arkusz danych(HTML) 9 Page - Intersil Corporation

Back Button ISL24211IRTZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 10Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 11Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ISL24211
9
FN7585.0
February 23, 2011
ISL24211 Programming
The ISL24211 accepts I2C bus address and data when the WP
pin is high. The ISL24211 ignores the I2C bus when the WP pin is
low. Figure 10 shows the serial data format for writing the
register and programming the EEPROM. Figure 11 shows the
serial data format for reading the DAC register. Table 2 shows the
truth table for reading and writing the device.
Programming the EEPROM memory transfers the current DAC
register value to the EEPROM and occurs when the control bits
select the programming mode and the AVDD voltage is >10.8V.
After the EEPROM programming cycle is started, the WP pin can
be returned to logic low while the EEPROM write completes,
which takes a maximum of 100ms.
The ISL24211 uses a 6-bit I2C address, which is “100111yx” for
the first transmitted byte. Bit x is the R/W bit, and Bit y is the LSB
(D0) of the DCP register code to be written. The complete read
and write protocol is shown in Figures 10 and 11.
I2C Bus Signals
The ISL24211 uses fixed voltages for its I2C thresholds, rather
than the percentage of VDD described in the I2C specification
(see Table 3). This should not cause a problem in most systems,
but the I2C logic levels in a specific design should be checked to
ensure they are compatible with the ISL24211.
FIGURE 9. EEPROM PROGRAMMING FLOWCHART
Erase Pulse
Start EEPROM
Programming
Are EEPROM
Cells Erased?
No
Yes
Write Pulse
Are
EEPROM Cells
Programmed?
EEPROM
Programming
Complete
No
Yes
TABLE 2. ISL24211 READ AND WRITE CONTROL
WP PIN
R/W
P
FUNCTION
0
1
X
Read Register.
0
0
1
Will acknowledge I2C
transactions. Will not write to
register.
0
0
0
Will acknowledge I2C
transactions. Will not write to
EEPROM.
1
1
X
Read DAC Register.
10
1
Write DAC Register.
10
0
Program EEPROM.
TABLE 3. ISL24211 I2C BUS LOGIC LEVELS
SYMBOL
ISL24211
I2C STANDARD
VIL_I2C
0.55V
0.3*VDD
VIH_I2C
1.44V
0.7*VDD


Podobny numer części - ISL24211IRTZ-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL24211IRTZ-EVALZ INTERSIL-ISL24211IRTZ-EVALZ Datasheet
453Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
logo
Renesas Technology Corp
ISL24211IRTZ-EVALZ RENESAS-ISL24211IRTZ-EVALZ Datasheet
574Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
More results

Podobny opis - ISL24211IRTZ-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL24212 RENESAS-ISL24212 Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24211IRTZ INTERSIL-ISL24211IRTZ Datasheet
453Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
ISL24212IRTZ INTERSIL-ISL24212IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
March 15, 2011
logo
Renesas Technology Corp
ISL24211 RENESAS-ISL24211 Datasheet
574Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com