Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL55210IRTZ-T7 Arkusz danych(PDF) 8 Page - Intersil Corporation

Numer części ISL55210IRTZ-T7
Szczegółowy opis  Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55210IRTZ-T7 Arkusz danych(HTML) 8 Page - Intersil Corporation

Back Button ISL55210IRTZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL55210IRTZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL55210IRTZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL55210IRTZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL55210IRTZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL55210IRTZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL55210IRTZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL55210IRTZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL55210IRTZ-T7 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ISL55210
8
FN7811.0
March 2, 2011
FIGURE 14. PHASE AND GROUP DELAY vs GAIN
FIGURE 15. INPUT VOLTAGE AND CURRENT SPOT NOISE
FIGURE 16. SMALL SIGNAL RESPONSE vs GAIN
FIGURE 17. DIFFERENTIAL OUTPUT IMPEDANCE
FIGURE 18. VCM PIN INPUT FREQUENCY RESPONSE TO OUTPUT
COMMON MODE
FIGURE 19. OUTPUT BALANCE ERROR
Typical Performance Curves V
S+ = 3.3V, TA ≈ +25°C, unless otherwise noted. (Continued)
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
45
60
75
90
105
120
135
150
165
180
10
40
70
100
130
160
190
FREQUENCY (MHz)
GROUP DELAY
GROUP DELAY, G = 27dB
PHASE, G = 15dB
PHASE
G = 21dB
GROUP DELAY
G = 15dB
G = 21dB
PHASE
G = 27dB
TEST CIRCUIT #2
0.1
1.0
10.0
105
106
107
108
FREQUENCY (Hz)
EN (DIFFERENTIAL)
IN (EACH INPUT)
-21
-18
-15
-12
-9
-6
-3
0
3
FREQUENCY (Hz)
RF = 1.6kΩ
RF = 402Ω
RF = 200Ω
RF = 806Ω
109
107
108
4-PORT S21 TEST, TEST CIRCUIT #2
0
1
2
3
4
5
6
7
8
9
10
1
10
100
1000
FREQUENCY (MHz)
SIMULATED TEST, TEST CIRCUIT #2
GAINS 12dB TO 30dB
-21
-18
-15
-12
-9
-6
-3
0
3
110
FREQUENCY (MHz)
200mVP-P
10mVP-P
100
200
TEST CIRCUIT #3
COMMON MODE AC OUTPUT
-75
-70
-65
-60
-55
-50
-45
2
10
100
200
TEST FREQUENCY (MHz)
TEST CIRCUIT #3
COMMON MODE AC OUTPUT MEASUREMENTS


Podobny numer części - ISL55210IRTZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL55210IRTZ-T7 INTERSIL-ISL55210IRTZ-T7 Datasheet
1Mb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range
ISL55210IRTZ-T7 INTERSIL-ISL55210IRTZ-T7 Datasheet
987Kb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
June 6, 2013
logo
Renesas Technology Corp
ISL55210IRTZ-T7 RENESAS-ISL55210IRTZ-T7 Datasheet
1Mb / 19P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
logo
Intersil Corporation
ISL55210IRTZ-T7A INTERSIL-ISL55210IRTZ-T7A Datasheet
1Mb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range
ISL55210IRTZ-T7A INTERSIL-ISL55210IRTZ-T7A Datasheet
987Kb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
June 6, 2013
More results

Podobny opis - ISL55210IRTZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL55210IRTZ INTERSIL-ISL55210IRTZ Datasheet
987Kb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
June 6, 2013
logo
Renesas Technology Corp
ISL55210 RENESAS-ISL55210 Datasheet
1Mb / 19P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
logo
Intersil Corporation
ISL55210 INTERSIL-ISL55210 Datasheet
1Mb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range
logo
Mini-Circuits
ZFL-272VH MINI-ZFL-272VH Datasheet
244Kb / 3P
   Ultra High Dynamic Range Broadband Amplifier
logo
California Eastern Labs
UPC1663GV CEL-UPC1663GV Datasheet
188Kb / 6P
   ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
NEC
UPC1663G NEC-UPC1663G Datasheet
45Kb / 5P
   ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
Tyco Electronics
AM50-0003V4 MACOM-AM50-0003V4 Datasheet
239Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
Tyco Electronics
AM50-0004V6 MACOM-AM50-0004V6 Datasheet
256Kb / 5P
   High Dynamic Range Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com