Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL55210IRTZ-T7A Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części ISL55210IRTZ-T7A
Szczegółowy opis  Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55210IRTZ-T7A Arkusz danych(HTML) 3 Page - Intersil Corporation

  ISL55210IRTZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL55210IRTZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL55210IRTZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL55210IRTZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL55210IRTZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL55210IRTZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL55210IRTZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL55210IRTZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL55210IRTZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ISL55210
3
FN7811.0
March 2, 2011
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage from VS+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VS+ +0.3V to GND-0.3V
Power Dissipation (See “Power Supply, Shutdown, and Thermal
Considerations” on page 13)
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7). . . . . . . . 3500V
Machine Model (Per EIAJ ED-4701 Method C-111) . . . . . . . . . . . . . 250V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1500V
Latch up (Per JESD-78; Class II; Level A) . . . . . . . . . . . . . . . . . . . . . . 100mA
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
16 Ld TQFN Package (Notes 4, 5) . . . . . . .
63
16.5
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +125°C
Maximum Continuous Operating Junction Temperature. . . . . . . . . . .+135°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Ambient Operating Temperature . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications VS+ = +3.3V Test Conditions: G = 12dB, VCM = open, VO = 2VP-P, RF = 200Ω, RL = 200Ω differential, TA = +25°C,
differential input, differential output, input and output referenced to internal default VCM (1.2V nominal) unless otherwise specified.
PARAMETER
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
TESTED
(Note 7)
AC PERFORMANCE
Small-Signal Bandwidth (4-port S
parameter, Test Circuit #2)
G = 12dB, VO = 100mVP-P
2,200
MHz
G = 18dB, VO = 100mVP-P
700
MHz
G = 24dB, VO = 100mVP-P
300
MHz
Gain-Bandwidth Product
G = 18dB
4.0
GHz
Bandwidth for 0.1-dB Flatness
G = 12dB, VO = 100mVP-P
200
MHz
Large-Signal Bandwidth
G = 12dB, VO = 2VP-P
1.2
GHz
Slew Rate (Differential)
5,600
V/µs
Differential Rise/Fall Time
2-V step
0.17
ns
2nd-order Harmonic Distortion
f = 20MHz, VO = 2VP-P
-105
dBc
f = 50MHz, VO = 2VP-P
-88
dBc
f = 100MHz, VO = 2VP-P
-72
dBc
3rd-order Harmonic Distortion
f = 20MHz, VO = 2VP-P
-120
dBc
f = 50MHz, VO = 2VP-P
-107
dBc
f = 100MHz, VO = 2VP-P
-95
dBc
2nd-order Intermodulation Distortion
fc = 70MHz, 200kHz spacing (2VP-P envelope)
-80
dBc
fc = 140MHz, 200kHz spacing (2VP-P envelope)
-68
dBc
3rd-order Intermodulation Distortion
fc = 70MHz, 200kHz spacing (2VP-P envelope)
-102
dBc
fc = 140MHz, 200kHz spacing (2VP-P envelope)
-94
dBc
Input Voltage Noise
f > 1MHz, Differential
0.85
nV/√HZ
Input Current Noise
f > 1MHz, Each Input
5.0
pA/√HZ


Podobny numer części - ISL55210IRTZ-T7A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL55210IRTZ-T7A INTERSIL-ISL55210IRTZ-T7A Datasheet
1Mb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range
ISL55210IRTZ-T7A INTERSIL-ISL55210IRTZ-T7A Datasheet
987Kb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
June 6, 2013
logo
Renesas Technology Corp
ISL55210IRTZ-T7A RENESAS-ISL55210IRTZ-T7A Datasheet
1Mb / 19P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
More results

Podobny opis - ISL55210IRTZ-T7A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL55210IRTZ INTERSIL-ISL55210IRTZ Datasheet
987Kb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
June 6, 2013
logo
Renesas Technology Corp
ISL55210 RENESAS-ISL55210 Datasheet
1Mb / 19P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
logo
Intersil Corporation
ISL55210 INTERSIL-ISL55210 Datasheet
1Mb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range
logo
Mini-Circuits
ZFL-272VH MINI-ZFL-272VH Datasheet
244Kb / 3P
   Ultra High Dynamic Range Broadband Amplifier
logo
California Eastern Labs
UPC1663GV CEL-UPC1663GV Datasheet
188Kb / 6P
   ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
NEC
UPC1663G NEC-UPC1663G Datasheet
45Kb / 5P
   ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
Tyco Electronics
AM50-0003V4 MACOM-AM50-0003V4 Datasheet
239Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
Tyco Electronics
AM50-0004V6 MACOM-AM50-0004V6 Datasheet
256Kb / 5P
   High Dynamic Range Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com