Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL55210IRTZ-EVALZ Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL55210IRTZ-EVALZ
Szczegółowy opis  Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55210IRTZ-EVALZ Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL55210IRTZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL55210IRTZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL55210IRTZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL55210IRTZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL55210IRTZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL55210IRTZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL55210IRTZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL55210IRTZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL55210IRTZ-EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
Wideband, Low-Power, Ultra-High Dynamic Range
Differential Amplifier
ISL55210
The ISL55210 is a very wide band, Fully Differential Amplifier
(FDA) intended for high dynamic range ADC input interface
applications. This voltage feedback FDA design includes an
independent output common mode voltage control.
Intended for very high dynamic range ADC interface
applications, at the lowest quiescent power (115mW), the
ISL55210 offers a 4.0GHz Gain Bandwidth Product with a very
low input noise of 0.85nV/√(Hz). In a balanced differential I/O
configuration, with 2VP-P output into a 200Ω load configured
for a gain of 15dB, the IM3 terms are <-100dBc through
110MHz. With a minimum operating gain of 2V/V (6dB), the
ISL55210 supports a wide range of higher gains with minimal
BW or SFDR degradation. Its ultra high differential slew rate of
5,600V/µs ensures clean large signal SFDR performance or a
fast settling step response.
The ISL55210 requires only a single 3.3V (max 4.2V) power
supply with 35mA typical quiescent current. This industry
leading low current solution can be further reduced when
needed using the optional power shutdown to <0.4mA supply
current. External feedback and gain setting resistors give
maximum flexibility and accuracy. A companion device, the
ISL55211, includes on-chip feedback and 3 possible gain
setting connections where an internally fixed gain solution is
preferred. The ISL55210 is available in a leadless, 16 Ld TQFN
package and is specified for operation over the -40ºC to +85ºC
ambient temperature range.
Features
• Gain Bandwidth Product . . . . . . . . . . . . . . . . . . . . . . . . 4.0GHz
• Input Voltage Noise . . . . . . . . . . . . . . . . . . . . . . . 0.85nV/√(Hz)
• Differential Slew Rate . . . . . . . . . . . . . . . . . . . . . . . 5,600V/µs
•2VP-P, 2-tone IM3 (200Ω) 100MHz . . . . . . . . . . . . . . -109dBc
• Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . 3.0V to 4.2V
• Quiescent Power (3.3V Supply) . . . . . . . . . . . . . . . . . .115mW
Applications
• Low Power, High Dynamic Range ADC Interface
• Differential Mixer Output Amplifier
• SAW Filter Pre/Post Driver
• Differential Comms-DAC Output Driver
Related Products
• Coming Soon: ISL55211 - Fixed Gain Version of the
ISL55210
• ISLA112P50 - 12-bit, 500MSPS ADC (<500mW)
• Coming Soon: ISLA214P50 - 14-bit, 500MSPS ADC
(<850mW)
SNRFS = 64.9dBFS
HD2 = -83dBc
HD3 = -84dBc
ENOBFS = 10.5 Bits
FIGURE 1. TYPICAL APPLICATION CIRCUIT
0.1µF
1:2
ISL55210
+3.3V
+
-
Vcm
20pF
20pF
33nH
33nH
V+
V-
ISLA112P50
ADT4-1WT
0.1µF
0.1µF
Vb
CLK
500MSPS
105MHz SINGLE TONE
180mVpp for -1dBFS
35mA
(115mW)
Vi
12 Bit
<500mW
500kHz
Vdiff
Vi
Vdiff
= 17.3dB gain
180MHz SPAN
20log (
)
PD
100
50
100
495
495
210
210
40.2
10k
40.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
March 2, 2011
FN7811.0


Podobny numer części - ISL55210IRTZ-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL55210IRTZ-EVALZ INTERSIL-ISL55210IRTZ-EVALZ Datasheet
1Mb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range
ISL55210IRTZ-EVALZ INTERSIL-ISL55210IRTZ-EVALZ Datasheet
987Kb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
June 6, 2013
logo
Renesas Technology Corp
ISL55210IRTZ-EVALZ RENESAS-ISL55210IRTZ-EVALZ Datasheet
1Mb / 19P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
More results

Podobny opis - ISL55210IRTZ-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL55210IRTZ INTERSIL-ISL55210IRTZ Datasheet
987Kb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
June 6, 2013
logo
Renesas Technology Corp
ISL55210 RENESAS-ISL55210 Datasheet
1Mb / 19P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
logo
Intersil Corporation
ISL55210 INTERSIL-ISL55210 Datasheet
1Mb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range
logo
Mini-Circuits
ZFL-272VH MINI-ZFL-272VH Datasheet
244Kb / 3P
   Ultra High Dynamic Range Broadband Amplifier
logo
California Eastern Labs
UPC1663GV CEL-UPC1663GV Datasheet
188Kb / 6P
   ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
NEC
UPC1663G NEC-UPC1663G Datasheet
45Kb / 5P
   ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
Tyco Electronics
AM50-0003V4 MACOM-AM50-0003V4 Datasheet
239Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
Tyco Electronics
AM50-0004V6 MACOM-AM50-0004V6 Datasheet
256Kb / 5P
   High Dynamic Range Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com