Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA1015-X-T92-K Arkusz danych(PDF) 2 Page - Unisonic Technologies

Numer części 2SA1015-X-T92-K
Szczegółowy opis  LOW FREQUENCY PNP AMPLIFIER TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1015-X-T92-K Arkusz danych(HTML) 2 Page - Unisonic Technologies

  2SA1015-X-T92-K Datasheet HTML 1Page - Unisonic Technologies 2SA1015-X-T92-K Datasheet HTML 2Page - Unisonic Technologies 2SA1015-X-T92-K Datasheet HTML 3Page - Unisonic Technologies 2SA1015-X-T92-K Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA1015
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2of 4
www.unisonic.com.tw
QW-R201-004.C
ABSOLUTE MAXIMUM RATING (Ta=25°C, unless otherwise specified )
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-150
mA
Base Current
IB
-50
mA
Collector Dissipation
PC
400
mW
Junction Temperature
TJ
125
°C
Storage Temperature
TSTG
-55 ~ +125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector-Base Breakdown Voltage
BVCBO IC=-100μA, IE=0
-50
V
Collector-Emitter Breakdown Voltage
BVCEO IC=-10mA, IB=0
-50
V
Emitter-Base Breakdown Voltage
BVEBO IE=-10μA, IC=0
-5
V
Collector Cut-off Current
ICBO
VCB=-50V, IE=0
-100
nA
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-100
nA
hFE1
VCE=-6V, IC=-2mA
120
700
DC Current Gain
hFE2
VCE=-6V, IC=-150mA
25
Collector-Emitter Saturation Voltage
VCE(SAT) IC=-100mA, IB=-10mA
-0.1
-0.3
V
Base-Emitter Saturation Voltage
VBE(SAT) IC=-100mA, IB=-10mA
-1.1
V
Output Capacitance
COB
VCB=-10V, IE=0, f=1MHz
4.0
7.0
pF
Current Gain Bandwidth Product
fT
VCE=-10V, Ic=-1mA
80
MHz
Noise Figure
NF
VCE=-6V , IC=-0.1mA,
RG=1kΩ, f=100Hz
0.5
6
dB
CLASSIFICATION OF hFE1
RANK
Y
GR
BL
RANGE
120-240
200-400
350-700


Podobny numer części - 2SA1015-X-T92-K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
First Components Intern...
2SA1015-1 FCI-2SA1015-1 Datasheet
919Kb / 2P
   PnP Epitaxial Planar Transistor
logo
Micro Commercial Compon...
2SA1015-GR MCC-2SA1015-GR Datasheet
84Kb / 2P
   PNP Silicon Plastic-Encapsulate Transistor
2SA1015-GR MCC-2SA1015-GR Datasheet
390Kb / 3P
   PNP Silicon Plastic-Encapsulate Transistor
2SA1015-GR MCC-2SA1015-GR Datasheet
633Kb / 3P
   PNP Silicon Plastic-Encapsulate Transistor
logo
Guangdong Kexin Industr...
2SA1015-H KEXIN-2SA1015-H Datasheet
838Kb / 2P
   PNP Transistors
More results

Podobny opis - 2SA1015-X-T92-K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guilin Strong Micro-Ele...
GM9012 GSME-GM9012_15 Datasheet
208Kb / 2P
   PNP Low Frequency Amplifier Transistor
logo
Unisonic Technologies
MMBT1015 UTC-MMBT1015_11 Datasheet
190Kb / 5P
   LOW FREQUENCY PNP AMPLIFIER TRANSISTOR
logo
Guilin Strong Micro-Ele...
GMA1505 GSME-GMA1505 Datasheet
207Kb / 2P
   PNP Low Frequency Amplifier Transistor
GM807 GSME-GM807 Datasheet
228Kb / 2P
   PNP Low Frequency Amplifier Transistor
logo
Dongguan City Niuhang E...
BC807 NIUHANG-BC807 Datasheet
349Kb / 3P
   PNP Low Frequency Amplifier Transistor
logo
Unisonic Technologies
MMBT1015 UTC-MMBT1015 Datasheet
56Kb / 4P
   LOW FREQUENCY PNP AMPLIFIER TRANSISTOR
logo
Guilin Strong Micro-Ele...
GMA1298 GSME-GMA1298 Datasheet
205Kb / 2P
   PNP Low Frequency Amplifier Transistor
GMB624 GSME-GMB624 Datasheet
206Kb / 2P
   PNP Low Frequency Amplifier Transistor
logo
FutureWafer Tech Co.,Lt...
2SA1015 FUTUREWAFER-2SA1015 Datasheet
923Kb / 7P
   Low Frequency Amplifier PNP Epitaxial Silicon Transistor
27-NOV-2021 V 2.0
logo
Unisonic Technologies
2SA733 UTC-2SA733_11 Datasheet
175Kb / 4P
   LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com