Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA1015-X-T92-K Arkusz danych(PDF) 3 Page - Unisonic Technologies

Numer części 2SA1015-X-T92-K
Szczegółowy opis  LOW FREQUENCY PNP AMPLIFIER TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1015-X-T92-K Arkusz danych(HTML) 3 Page - Unisonic Technologies

  2SA1015-X-T92-K Datasheet HTML 1Page - Unisonic Technologies 2SA1015-X-T92-K Datasheet HTML 2Page - Unisonic Technologies 2SA1015-X-T92-K Datasheet HTML 3Page - Unisonic Technologies 2SA1015-X-T92-K Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA1015
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3of 4
www.unisonic.com.tw
QW-R201-004.C
TYPICAL CHARACTERISTICS
Static characteristics
Collector-Emitter Voltage, BVCEO (V)
-0
-4
-8
-12
-16
-20
0
-10
-20
-30
-40
-50
IB=-300µA
DC Current Gain
Collector current, IC (mA)
VCE=-6V
IB=-250µA
IB=-200µA
IB=-150µA
IB=-100µA
IB=-50µA
-10-1
-100
-101
-102
-103
100
101
102
103
Base-Emitter on Voltage
Base-Emitter Voltage, BVBEO (V)
0
-0.2
-0.4
-0.6
-0.8
-1.0
VCE=-6V
Collector Current, IC (mA)
Saturation voltage
IC=10xIB
-10-1
-100
-101
-102
-10-1
-100
-101
-102
-103
-10-2
-10-1
-100
-101
VCE(SAT)
VBE(SAT)
Current Gain-Bandwidth Product
Collector Output Capacitance
Collector current, IC (mA)
VCE=-6V
Collector-Base Voltage, BVCBO (V)
f=1MHz
IE=0
-10-1
-100
-101
-102
100
101
102
103
-100
-101
-102
-103
-10-1
-100
-101
-102
-10-1


Podobny numer części - 2SA1015-X-T92-K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
First Components Intern...
2SA1015-1 FCI-2SA1015-1 Datasheet
919Kb / 2P
   PnP Epitaxial Planar Transistor
logo
Micro Commercial Compon...
2SA1015-GR MCC-2SA1015-GR Datasheet
84Kb / 2P
   PNP Silicon Plastic-Encapsulate Transistor
2SA1015-GR MCC-2SA1015-GR Datasheet
390Kb / 3P
   PNP Silicon Plastic-Encapsulate Transistor
2SA1015-GR MCC-2SA1015-GR Datasheet
633Kb / 3P
   PNP Silicon Plastic-Encapsulate Transistor
logo
Guangdong Kexin Industr...
2SA1015-H KEXIN-2SA1015-H Datasheet
838Kb / 2P
   PNP Transistors
More results

Podobny opis - 2SA1015-X-T92-K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guilin Strong Micro-Ele...
GM9012 GSME-GM9012_15 Datasheet
208Kb / 2P
   PNP Low Frequency Amplifier Transistor
logo
Unisonic Technologies
MMBT1015 UTC-MMBT1015_11 Datasheet
190Kb / 5P
   LOW FREQUENCY PNP AMPLIFIER TRANSISTOR
logo
Guilin Strong Micro-Ele...
GMA1505 GSME-GMA1505 Datasheet
207Kb / 2P
   PNP Low Frequency Amplifier Transistor
GM807 GSME-GM807 Datasheet
228Kb / 2P
   PNP Low Frequency Amplifier Transistor
logo
Dongguan City Niuhang E...
BC807 NIUHANG-BC807 Datasheet
349Kb / 3P
   PNP Low Frequency Amplifier Transistor
logo
Unisonic Technologies
MMBT1015 UTC-MMBT1015 Datasheet
56Kb / 4P
   LOW FREQUENCY PNP AMPLIFIER TRANSISTOR
logo
Guilin Strong Micro-Ele...
GMA1298 GSME-GMA1298 Datasheet
205Kb / 2P
   PNP Low Frequency Amplifier Transistor
GMB624 GSME-GMB624 Datasheet
206Kb / 2P
   PNP Low Frequency Amplifier Transistor
logo
FutureWafer Tech Co.,Lt...
2SA1015 FUTUREWAFER-2SA1015 Datasheet
923Kb / 7P
   Low Frequency Amplifier PNP Epitaxial Silicon Transistor
27-NOV-2021 V 2.0
logo
Unisonic Technologies
2SA733 UTC-2SA733_11 Datasheet
175Kb / 4P
   LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com