Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM802105UMG Arkusz danych(PDF) 6 Page - Micrel Semiconductor

Numer części SM802105UMG
Szczegółowy opis  ClockWork 10GbE (156.25MHz, 312.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICREL [Micrel Semiconductor]
Strona internetowa  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802105UMG Arkusz danych(HTML) 6 Page - Micrel Semiconductor

Back Button SM802105UMG Datasheet HTML 2Page - Micrel Semiconductor SM802105UMG Datasheet HTML 3Page - Micrel Semiconductor SM802105UMG Datasheet HTML 4Page - Micrel Semiconductor SM802105UMG Datasheet HTML 5Page - Micrel Semiconductor SM802105UMG Datasheet HTML 6Page - Micrel Semiconductor SM802105UMG Datasheet HTML 7Page - Micrel Semiconductor SM802105UMG Datasheet HTML 8Page - Micrel Semiconductor SM802105UMG Datasheet HTML 9Page - Micrel Semiconductor SM802105UMG Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Micrel, Inc.
SM802105
April 2011
6
M9999-042111-A
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
(4, 5)
VDD = VDDO1/2 = 3.3V ±5% or 2.5V ±5%
VDD = 3.3V ±5%, VDDO1/2 = 3.3V ±5% or 2.5V ±5%
TA = −40°C to +85°C. RL = 50Ω to VDDO − 2V
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
FOUT1
Output Frequency 1
FSEL=1
156.25
MHz
FOUT2
Output Frequency 2
FSEL=0
312.5
MHz
Ppm
Output ppm Variation
Crystal reference. Note 6
−50
50
ppm
FREF
Reference Input Frequency
25
MHz
TR/TF
LVPECL Output Rise/Fall Time
20% – 80%
80
175
350
ps
ODC
Output Duty Cycle
48
50
52
%
TSKEW
Output-to-Output Skew
Within bank. Note 7
45
ps
TLOCK
PLL Lock Time
20
ms
Tjit(∅)
RMS Phase Jitter
(8)
156.25MHz
Integration Range (1.875MHz – 20MHz)
Integration Range (12kHz – 20MHz)
312.5MHz
Integration Range (1.875MHz – 20MHz)
Integration Range (12kHz – 20MHz)
110
250
110
250
fs
Spurious Noise Components
6.25MHz using 156.25MHz
12.5MHz using 312.5MHz
-80
-85
dBc
Notes:
5.
All phase noise measurements were taken with an Agilent 5052B phase noise system.
6.
Crystal tolerance at room less than
± 15ppm, over temp less than ±20ppm.
7.
Defined as skew between outputs at the same supply voltage and with equal load conditions and same frequency; Measured at the output
differential crossing points.
8.
Measured using 25MHz crystal as the input reference source. If using an external reference input, use a low phase noise source. With an external
reference, the phase noise will follow the input source phase noise up to about 1MHz.


Podobny numer części - SM802105UMG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micrel Semiconductor
SM802101 MICREL-SM802101 Datasheet
558Kb / 12P
   ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802101UMG MICREL-SM802101UMG Datasheet
558Kb / 12P
   ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802101UMGR MICREL-SM802101UMGR Datasheet
558Kb / 12P
   ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802104 MICREL-SM802104 Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802104UMG MICREL-SM802104UMG Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
More results

Podobny opis - SM802105UMG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micrel Semiconductor
SM802128 MICREL-SM802128 Datasheet
267Kb / 12P
   ClockWorks課? 10GbE Octal 156.25MHz,312.5MHz, Ultra-Low Jitter, LVPECL
SM802108 MICREL-SM802108 Datasheet
462Kb / 11P
   ClockWorks??10GbE & GbE (156.25MHz, 125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802121 MICREL-SM802121 Datasheet
301Kb / 10P
   ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802111 MICREL-SM802111 Datasheet
357Kb / 7P
   ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802104 MICREL-SM802104_11 Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
MX553BHA156M250 MICREL-MX553BHA156M250 Datasheet
1Mb / 4P
   Ultra-low Jitter 156.25MHz LVPECL XO
SM843031-01 MICREL-SM843031-01 Datasheet
331Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 312.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843251-156 MICREL-SM843251-156 Datasheet
340Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 156.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM802149 MICREL-SM802149 Datasheet
412Kb / 11P
   156.25MHz/312.5MHz and 78.125MHz/156.25MHz LVDS Clock Synthesizer
logo
Pericom Semiconductor C...
SN10GE156 PERICOM-SN10GE156 Datasheet
554Kb / 2P
   3.3V PECL Low Jitter 156.25MHz 10GbE XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com