Zakładka z wyszukiwarką danych komponentów |
|
SB07W03P Arkusz danych(PDF) 1 Page - Sanyo Semicon Device |
|
SB07W03P Arkusz danych(HTML) 1 Page - Sanyo Semicon Device |
1 / 2 page 43098HA (KT)/N120MH, JK No.3616-1/2 SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN Schottky Barrier Diode (Twin Type · Cathode Common) 30V, 700mA Rectifier Ordering number:EN3616A SB07W03P r e t e m a r a Pl o b m y Ss n o i t i d n o C s g n i t a R t i n U n i mp y tx a m e g a t l o V e s r e v e RVR IR A µ 0 0 3 =0 3V e g a t l o V d r a w r o FVF IF A m 0 0 7 = 5 5 . 0V t n e r r u C e s r e v e RIR VR V 5 1 = 0 5A µ e c n a t i c a p a C l a n i m r e t r e t n IC VR z H M 1 = f , V 0 1 =8 2F p e m i T y r e v o c e R e s r e v e Rr r tIF I = R . t i u c r i C t s e T d e i f i c e p s e e S , A m 0 0 1 = 0 1s n e c n a t s i s e R l a m r e h T ) 1 ( a - j h t R 0 0 3 ) 2 ( a - j h t R 0 1 1 Specifications Absolute Maximum Ratings at Ta = 25˚C (Value per element) Electrical Characteristics at Ta = 25˚C (Value per element) ˚C ˚C · Marking:SF trr Test Circuit 1:Anode 2:Cathode 3:Anode SANYO:PCP Package Dimensions unit:mm 1239A [SB07W03P] Electrical Connection Applications · General rectifier. · High frequency rectification (switching regulators, converters, choppers). Features · Low forward voltage (VF max=0.55V). · Fast reverse recovery time (trr max=10ns). · Low switching noise. · Low leakage current and high reliability due to highly reliable planar structure. ˚C/W ˚C/W Mounted on 250mm2 ×0.8mm ceramic board r e t e m a r a Pl o b m y Ss n o i t i d n o Cs g n i t a Rt i n U e g a t l o V e s r e v e R k a e P e v i t i t e p e RV M R R 0 3V e g a t l o V e g r u S e s r e v e R k a e P e v i t i t e p e r - n o NV M S R 5 3V t n e r r u C t u p t u O e g a r e v AIO 0 0 7A m t n e r r u C d r a w r o F e g r u SI M S F e l c y c 1 , e v a w e n i s z H 0 5 5A e r u t a r e p m e T n o i t c n u Jj T 5 2 1 + o t 5 5 – e r u t a r e p m e T e g a r o t Sg t s T 5 2 1 + o t 5 5 – 1:Anode 2:Cathode 3:Anode |
Podobny numer części - SB07W03P |
|
Podobny opis - SB07W03P |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |