Zakładka z wyszukiwarką danych komponentów |
|
SB10-015C Arkusz danych(PDF) 1 Page - Sanyo Semicon Device |
|
SB10-015C Arkusz danych(HTML) 1 Page - Sanyo Semicon Device |
1 / 3 page SB10-015C No.4436-1/3 Applications • High frequency rectification (switching regulators, converters, choppers). Features • Low forward voltage (VF max=0.55V). • Fast reverse recorvery time (trr max=10ns). • Low switching noise. • Low leakage current and high reliability due to highly reliable planar structure. • Small-sized package permitting SB10-015C-applied sets to be compact and slim. Specifications Absolute Maximum Ratings at Ta=25 °C Parameter Symbol Conditions Ratings Unit Repetitive Peak Reverse Voltage VRRM 15 V Nonrepetitive Peak Reverse Surge Voltage VRSM 17 V Average Output Current IO 1A Surge Forward Current IFSM 50Hz sine wave, 1 cycle 5 A Junction Temperature Tj --55 to +125 °C Storage Temperature Tstg --55 to +125 °C Electrical Characteristics at Ta=25 °C Ratings Parameter Symbol Conditions min typ max Unit Reverse Voltage VR IR=300µA15 V Forward Voltage VF1IF=1A 0.55 V VF2IF=100mA 0.40 V Reverse Current IR VR=7.5V 50 µA Interterminal Capacitance C VR=10V, f=1MHz 30 pF Reverse Recovery Time trr IF=IR=100mA, See specified Test Circuit. 10 ns Thermal Resistance Rth(j-a) 420 °C / W Marking : S SANYO Electric Co.,Ltd. Semiconductor Company TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN Ordering number : ENN4436B 71504 TS IM TB-00000593 / 82597 GI / 92793 YH (KT) AX-9090 Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein. SB10-015C Schottky Barrier Diode 15V, 1A Rectifier |
Podobny numer części - SB10-015C |
|
Podobny opis - SB10-015C |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |