Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMAC25-56G-RC Arkusz danych(PDF) 1 Page - Allied Components International

Numer części SMAC25-56G-RC
Szczegółowy opis  Surface Mount Air Core Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALLIED [Allied Components International]
Strona internetowa  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

SMAC25-56G-RC Arkusz danych(HTML) 1 Page - Allied Components International

  SMAC25-56G-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Surface Mount Air Core Inductors
SMAC25
100
135
135
130
135
135
125
120
120
115
125
4.2
4.0
4.8
4.4
5.6
6.2
8.2
9.4
12.3
17.3
3.0
3.5
3.0
3.0
3.0
3.0
2.5
2.5
1.7
1.5
Allied
Part
Number
SMAC25-22( )-RC
SMAC25-27( )-RC
SMAC25-33( )-RC
SMAC25-39( )-RC
SMAC25-47( )-RC
SMAC25-56( )-RC
SMAC25-68( )-RC
SMAC25-82( )-RC
SMAC25-100( )-RC
SMAC25-120( )-RC
22
Q
Inductance
(nh)
Q
Typ.
DCR
Max.
(mΩ)
IDC
A
(Max.)
To complete part number insert tolerance designator: G=±2%, J=±5%, K=±10%
Nominal Footprint
Tinned Length
90°
Max.
Min.
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
0.190
(4.83)
0.15
(3.81)
0.165
(4.20)
0.06±0.015
(1.53±0.39)
0.17±0.015
(4.32±0.39)
Dimensions:
Inches
(mm)
150
150
150
150
150
150
150
150
150
150
Test
Freq.
(MHz)
3.2
2.7
2.5
2.1
2.1
1.5
1.5
1.3
1.2
1.1
SRF
Min.
(GHz)
0.103
(2.62)
0.203
(5.16)
0.058
(1.48)
0.112
(2.85)
All specifications subject to change without notice.
Min.
REVISED 03/16/10
27
100
33
100
39
100
47
100
56
100
68
100
82
100
100
100
120
100
Features
• High SRF’s for high frequency applications
Flat top cap for pick and place assembly
• High current capability
• Excellent for high Q applications
Electrical
Impedance range: 22nH to 120nH
Tolerance: Available in 2%, 5% & 10%
Operating Temp: -40ºC to +125ºC
Test Frequency: 150Mhz
Test Equipment
(SRF): HP8753E
(L/Q): HP4291B with HP16193
Physical
Packaging: 1000 pieces per 13” reel
Marking: None
Peak Solder Temp: 260+0/-10ºC, 5 sec. max.


Podobny numer części - SMAC25-56G-RC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allied Components Inter...
SMAC25-56NJ-RC ALLIED-SMAC25-56NJ-RC Datasheet
669Kb / 1P
   Surface Mount Air Core Inductors
More results

Podobny opis - SMAC25-56G-RC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allied Components Inter...
SMAC20-1-RC ALLIED-SMAC20-1-RC Datasheet
299Kb / 1P
   Surface Mount Air Core Inductors
SMAC25 ALLIED-SMAC25 Datasheet
662Kb / 1P
   Surface Mount Air Core Inductors
SMAC25-22NJ-RC ALLIED-SMAC25-22NJ-RC Datasheet
669Kb / 1P
   Surface Mount Air Core Inductors
SMAC20-1K-RC ALLIED-SMAC20-1K-RC Datasheet
398Kb / 1P
   Surface Mount Air Core Inductors
SMAC10-15 ALLIED-SMAC10-15 Datasheet
408Kb / 1P
   Surface Mount Air Core Inductors
SMAC10-2-RC ALLIED-SMAC10-2-RC Datasheet
316Kb / 1P
   Surface Mount Air Core Inductors
SMAC20-30 ALLIED-SMAC20-30 Datasheet
398Kb / 1P
   Surface Mount Air Core Inductors
SMAC10-2K-RC ALLIED-SMAC10-2K-RC Datasheet
400Kb / 1P
   Surface Mount Air Core Inductors
SMAC60 ALLIED-SMAC60 Datasheet
1Mb / 1P
   Surface Mount Air Core Inductor
logo
API Delevan
4726R API-4726R Datasheet
1Mb / 1P
   Air Core Inductors
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com