Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB10-09 Arkusz danych(PDF) 2 Page - Sanyo Semicon Device

Numer części SB10-09
Szczegółowy opis  90V, 1A Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB10-09 Arkusz danych(HTML) 2 Page - Sanyo Semicon Device

  SB10-09 Datasheet HTML 1Page - Sanyo Semicon Device SB10-09 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SB10-09P
PS No.4175-2/2
No products described or contained herein are intended for use in surgical implants, life-support systems,
aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and
the like, the failure of which may directly or indirectly cause injury, death or property loss.
Anyone purchasing any products described or contained herein for an above-mentioned use shall:
Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates,
subsidiaries and distributors and all their officers and employees, jointly and severally, against any
and all claims and litigation and all damages, cost and expenses associated with such use:
Not impose any responsibilty for any fault or negligence which may be cited in any such claim or
litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of
their officers and employees jointly or severally.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guarant-
eed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees
are made or implied regarding its use or any infringements of intellectual property rights or other rights of
third parties.
This catalog provides information as of April, 1998. Specifications and information herein are subject to
change without notice.


Podobny numer części - SB10-09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
SB10-09 SANYO-SB10-09 Datasheet
81Kb / 3P
   50V, 1A Rectifier
SB10-09F SANYO-SB10-09F Datasheet
81Kb / 3P
   50V, 1A Rectifier
SB10-09T SANYO-SB10-09T Datasheet
81Kb / 3P
   90V, 1A Rectifier
More results

Podobny opis - SB10-09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
SB10-09T SANYO-SB10-09T Datasheet
81Kb / 3P
   90V, 1A Rectifier
logo
Cystech Electonics Corp...
QDL3 CYSTEKEC-QDL3 Datasheet
250Kb / 6P
   1A /90V Snubber Damping Rectifier
QD CYSTEKEC-QD Datasheet
328Kb / 7P
   1A / 90V Snubber Damping Rectifier
logo
Sanyo Semicon Device
SB02-09C SANYO-SB02-09C Datasheet
70Kb / 3P
   90V, 200mA Rectifier
SB005-09CP SANYO-SB005-09CP Datasheet
55Kb / 2P
   90V, 50mA Rectifier
SB05-09 SANYO-SB05-09 Datasheet
58Kb / 2P
   90V, 500mA Rectifier
SB100-09J SANYO-SB100-09J Datasheet
81Kb / 3P
   90V, 10A Rectifier
SB160-09R SANYO-SB160-09R Datasheet
80Kb / 3P
   90V, 16A Rectifier
SBA50-09Y SANYO-SBA50-09Y Datasheet
81Kb / 3P
   90V, 5A Rectifier
SB100-09K SANYO-SB100-09K Datasheet
81Kb / 3P
   90V, 10A Rectifier
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com