Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB100-18 Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części SB100-18
Szczegółowy opis  180V, 10A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB100-18 Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  SB100-18 Datasheet HTML 1Page - Sanyo Semicon Device SB100-18 Datasheet HTML 2Page - Sanyo Semicon Device SB100-18 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
22898HA (KT)/5248TA, TS No.2580-1/3
SB100-18
Ordering number :EN2580A
180V, 10A Rectifier
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Schottky Barrier Diode (Twin Type · Cathode Common)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
0
8
1
–V
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
5
8
.
0V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
8
.
0
–A
m
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
Rr
r
t
5
4s
n
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
Tc
-
j
h
t
RC
D
d
e
h
t
o
o
m
S
:
e
s
a
C
-
n
o
i
t
c
n
u
J
3
.
1
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
RV
M
R
R
0
8
1
–V
e
g
a
t
l
o
V
e
g
r
u
S
e
s
r
e
v
e
R
k
a
e
P
e
v
t
i
t
e
p
e
r
-
n
o
NV
M
S
R
0
9
1
–V
t
n
e
r
r
u
C
t
u
p
t
u
O
e
g
a
r
e
v
AIO
0
1A
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
e
r
u
SI
M
S
F
e
l
c
y
c
1
,
e
v
a
w
e
n
i
s
z
H
0
5
0
0
1A
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
5
2
1
+
o
t
5
5
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
5
5
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
1160
[SB100-18]
A:Anode
C:Cathode
SANYO:TO-3PB
Note)*:Value per element
Electrical Characteristics
Electrical Connection
˚C
˚C
˚C/W
A:Anode
C:Cathode
IF=2A, Tj=25˚C*, –dIF/dt=10A/µs
IR=–4mA, Tj=25˚C*
IF=4A, Tj=25˚C*
VR=–90V, Tj=25˚C*
50Hz, resistive load, Tc=102˚C
Applications
· High frequency rectification (switching regulators,
converters, choppers).
Features
· Low forward voltage (VF max=0.85V).
· Fast reverse recovery time (trr max=45ns).
· Low switching noise.
· Low leakage current and high reliability due to
highly reliable planar structure.


Podobny numer części - SB100-18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
SB100-05H SANYO-SB100-05H Datasheet
85Kb / 3P
   50V, 10A Rectifier
SB100-05J SANYO-SB100-05J Datasheet
84Kb / 3P
   50V, 10A Rectifier
SB100-09 SANYO-SB100-09 Datasheet
80Kb / 3P
   90V, 10A Rectifier
SB100-09J SANYO-SB100-09J Datasheet
81Kb / 3P
   90V, 10A Rectifier
SB100-09K SANYO-SB100-09K Datasheet
81Kb / 3P
   90V, 10A Rectifier
More results

Podobny opis - SB100-18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
SB05-18M SANYO-SB05-18M Datasheet
65Kb / 2P
   180V, 500mA Rectifier
SB05-18V SANYO-SB05-18V Datasheet
65Kb / 2P
   180V, 500mA Rectifier?
SB10-18K SANYO-SB10-18K Datasheet
85Kb / 3P
   180V, 1A Rectifier
SB30-18 SANYO-SB30-18 Datasheet
83Kb / 3P
   180V, 3A Rectifier
SB80-18 SANYO-SB80-18 Datasheet
83Kb / 3P
   180V, 8A Rectifier
SBA120-18J SANYO-SBA120-18J Datasheet
82Kb / 3P
   180V, 12A Rectifier
SB120-18 SANYO-SB120-18 Datasheet
80Kb / 3P
   180V, 12A Rectifier
SB160-18 SANYO-SB160-18 Datasheet
80Kb / 3P
   180V, 16A Rectifier
SB50-18K SANYO-SB50-18K Datasheet
73Kb / 3P
   180V, 5A Rectifier
logo
Shindengen Electric Mfg...
2SK2490 SHINDENGEN-2SK2490 Datasheet
408Kb / 10P
   VZ Series Power MOSFET(180V 10A)
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com