Zakładka z wyszukiwarką danych komponentów |
|
SMPC7832-390L-RC Arkusz danych(PDF) 1 Page - Allied Components International |
|
SMPC7832-390L-RC Arkusz danych(HTML) 1 Page - Allied Components International |
|
1 / 1 page SMPC7832-1R0L-RC 1.0 15 0.011 9.00 5.3 SMPC7832-1R2L-RC 1.2 15 0.012 8.80 4.8 SMPC7832-1R5L-RC 1.5 15 0.012 8.60 4.4 SMPC7832-1R8L-RC 1.8 15 0.013 8.50 4.0 SMPC7832-2R2L-RC 2.2 15 0.014 8.40 3.6 SMPC7832-2R7L-RC 2.7 15 0.016 8.20 3.2 SMPC7832-3R3L-RC 3.3 15 0.017 8.10 2.8 SMPC7832-3R9L-RC 3.9 15 0.020 7.30 2.6 SMPC7832-4R7L-RC 4.7 15 0.023 6.70 2.4 SMPC7832-5R6L-RC 5.6 15 0.025 6.00 2.3 SMPC7832-6R8L-RC 6.8 15 0.028 5.60 2.1 SMPC7832-8R2L-RC 8.2 15 0.032 5.30 1.9 SMPC7832-100L-RC 10 15 0.036 5.00 1.7 SMPC7832-120L-RC 12 15 0.040 4.80 1.5 SMPC7832-150L-RC 15 15 0.043 4.50 1.4 SMPC7832-180L-RC 18 15 0.047 4.20 1.3 SMPC7832-220L-RC 22 15 0.054 3.80 1.2 SMPC7832-270L-RC 27 15 0.074 3.40 1.1 SMPC7832-330L-RC 33 15 0.084 3.00 0.99 SMPC7832-390L-RC 39 15 0.095 2.80 0.93 SMPC7832-470L-RC 47 15 0.120 2.60 0.87 SMPC7832-560L-RC 56 15 0.140 2.40 0.82 SMPC7832-680L-RC 68 15 0.160 2.10 0.76 SMPC7832-820L-RC 82 15 0.184 1.90 0.72 SMPC7832-101L-RC 100 15 0.226 1.70 0.68 SMPC7832-121L-RC 120 15 0.305 1.50 0.61 SMPC7832-151L-RC 150 15 0.362 1.40 0.54 SMPC7832-181L-RC 180 15 0.399 1.30 0.48 SMPC7832-221L-RC 220 15 0.536 1.10 0.44 SMPC7832-271L-RC 270 15 0.599 0.95 0.40 SMPC7832-331L-RC 330 15 0.714 0.86 0.36 SMPC7832-391L-RC 390 15 0.819 0.80 0.33 SMPC7832-471L-RC 470 15 1.10 0.74 0.31 SMPC7832-561L-RC 560 15 1.20 0.68 0.29 SMPC7832-681L-RC 680 15 1.58 0.63 0.26 SMPC7832-821L-RC 820 15 2.08 0.573 0.23 SMPC7832-102L-RC 1000 15 2.42 0.51 0.21 SMPC7832-122L-RC 1200 15 2.68 0.46 0.19 SMPC7832-152L-RC 1500 15 3.15 0.40 0.17 SMPC7832-182L-RC 1800 15 4.20 0.34 0.15 SMPC7832-222L-RC 2200 15 4.62 0.31 0.135 SMPC7832-272L-RC 2700 15 6.30 0.29 0.12 SMPC7832-332L-RC 3300 15 7.09 0.27 0.11 SMPC7832-392L-RC 3900 15 9.14 0.25 0.10 SMPC7832-472L-RC 4700 15 10.6 0.23 0.09 Allied Part Number Incremental Current (Amps) Inductance ( µh) Tolerance (%) Current Rating (Amps) Max DCR Max. ( Ω) All specifications subject to change without notice. SMPC7832 Surface Mount Power Choke RoHS ALLIED COMPONENTS INTERNATIONAL 714-665-1140 www.alliedcomponents.com 12/20/10 Features • SMD Molded High Current Choke • Rohs Compliant Tape and Reel for Auot Replacement • Cross to Vishay IHSM7832 • Wide Inductance Range Electrical Inductance Range: 1.0µh ~ 18,000µh Tolerance: 15% over entire range Test Frequency: 1KHz over entire range Operating Temp: Current Rating: Based on a 40ºC Temp Rise. Test Equipment (L): CH1-100 1KHz (RDC): Chen Hwa CH-301 DCR Meter (IDC): Chen Hwa CH-301 & DCR Meter Physical Packaging: 500 / reel. Marking: EIA Inductance Code. -55ºC ~ +125ºC (No Load) IDC: The current at which the inductance will drop no more than 5% of its intitial value with no DC current. SMPC7832-562L-RC 5600 15 11.8 0.21 0.08 SMPC7832-682L-RC 6800 15 15.8 0.19 0.0775 SMPC7832-822L-RC 8200 15 21.8 0.17 0.0725 SMPC7832-103L-RC 10000 15 24.6 0.16 0.07 SMPC7832-123L-RC 12000 15 28.4 0.14 0.0625 SMPC7832-153L-RC 15000 15 37.8 0.12 0.055 SMPC7832-183L-RC 18000 15 44.1 0.11 0.05 • Resistance to Solder Heat Reflow 260ºC 10 seconds Also available in tighter tolerances. -55ºC ~ +85ºC (Full Load) Dimensions: Inches (mm) |
Podobny numer części - SMPC7832-390L-RC |
|
Podobny opis - SMPC7832-390L-RC |