Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB20-03B Arkusz danych(PDF) 3 Page - Sanyo Semicon Device

Numer części SB20-03B
Szczegółowy opis  30V, 2A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB20-03B Arkusz danych(HTML) 3 Page - Sanyo Semicon Device

  SB20-03B Datasheet HTML 1Page - Sanyo Semicon Device SB20-03B Datasheet HTML 2Page - Sanyo Semicon Device SB20-03B Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SB20-03B
PS No.3001-3/3
No products described or contained herein are intended for use in surgical implants, life-support systems,
aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and
the like, the failure of which may directly or indirectly cause injury, death or property loss.
Anyone purchasing any products described or contained herein for an above-mentioned use shall:
Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates,
subsidiaries and distributors and all their officers and employees, jointly and severally, against any
and all claims and litigation and all damages, cost and expenses associated with such use:
Not impose any responsibilty for any fault or negligence which may be cited in any such claim or
litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of
their officers and employees jointly or severally.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guarant-
eed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees
are made or implied regarding its use or any infringements of intellectual property rights or other rights of
third parties.
This catalog provides information as of April, 1998. Specifications and information herein are subject to
change without notice.


Podobny numer części - SB20-03B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
SB20-03E SANYO-SB20-03E Datasheet
79Kb / 3P
   30V, 2A Rectifier
SB20-03P SANYO-SB20-03P Datasheet
60Kb / 2P
   30V, 2A Rectifier
logo
ON Semiconductor
SB20-03P ONSEMI-SB20-03P Datasheet
317Kb / 6P
   Mini Buck Converter for RF Power Amplifiers
September, 2013
SB20-03P-TD-E ONSEMI-SB20-03P-TD-E Datasheet
317Kb / 6P
   Mini Buck Converter for RF Power Amplifiers
September, 2013
More results

Podobny opis - SB20-03B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
SB20-03P SANYO-SB20-03P Datasheet
60Kb / 2P
   30V, 2A Rectifier
SB20W03P SANYO-SB20W03P Datasheet
72Kb / 2P
   30V, 2A Rectifier
SB20W03T SANYO-SB20W03T Datasheet
82Kb / 3P
   30V, 2A Rectifier
SBE001 SANYO-SBE001 Datasheet
35Kb / 3P
   30V, 2A Rectifier
SB20W03V SANYO-SB20W03V Datasheet
72Kb / 2P
   30V, 2A Rectifier
SB20W03Z SANYO-SB20W03Z Datasheet
68Kb / 2P
   30V, 2A Rectifier
SB20-03E SANYO-SB20-03E Datasheet
79Kb / 3P
   30V, 2A Rectifier
logo
Rohm
2SD2679 ROHM-2SD2679 Datasheet
101Kb / 3P
   2A / 30V Bipolar transistor
2SB1714 ROHM-2SB1714 Datasheet
102Kb / 3P
   -2A / -30V Bipolar transistor
2SC5875 ROHM-2SC5875 Datasheet
98Kb / 4P
   Power transistor (30V, 2A)
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com