Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB20-05 Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części SB20-05
Szczegółowy opis  50V, 2A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB20-05 Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  SB20-05 Datasheet HTML 1Page - Sanyo Semicon Device SB20-05 Datasheet HTML 2Page - Sanyo Semicon Device SB20-05 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
33098HA (KT)/92995GI (KOTO)/1296TA, TS No.2992-1/3
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Schottky Barrier Diode
50V, 2A Rectifier
Ordering number:EN2992A
SB20-05F
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
RV
M
R
R
0
5V
e
g
a
t
l
o
V
e
g
r
u
S
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
r
n
o
NV
M
S
R
5
5V
t
n
e
r
r
u
C
t
u
p
t
u
O
e
g
a
r
e
v
AIO
2A
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
r
u
SI
M
S
F
e
l
c
y
c
1
,
e
v
a
w
e
n
i
s
z
H
0
5
0
2A
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
5
2
1
+
o
t
5
5
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
5
5
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Electrical Characteristics at Ta = 25˚C
˚C
˚C
Package Dimensions
unit:mm
1200A
[SB20-05F]
trr Test Circuit
1:Anode
2:Cathode
3:No Contact
SANYO:TO-126LP
Applications
· High frequency rectification (switching regulators,
converters, choppers).
Features
· Low forward voltage (VF max=0.55V).
· Fast reverse recovery time (trr max=20ns).
· Low switching noise.
· Low leakage current and high reliability due to
highly reliable planar structure.
˚C/W
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
s
n
o
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
IR
A
m
2
=0
5V
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
IF A
2
=
5
5
.
0V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
V
5
2
=
0
0
7A
µ
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
r
e
t
r
e
t
n
IC
VR
z
H
M
1
=
f
,
V
0
1
=0
2
1F
p
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
Rr
r
tIF I
= R
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
p
e
s
e
e
S
,
A
m
0
0
3
=
0
2s
n
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
c
-
j
h
t
RC
D
d
e
h
t
o
o
m
S
:
e
s
a
C
-
n
o
i
t
c
n
u
J4
50Hz, resistive load, Tc=117˚C


Podobny numer części - SB20-05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
SB20-05 SANYO-SB20-05 Datasheet
83Kb / 3P
   50V, 2A Rectifier
SB20-05H SANYO-SB20-05H Datasheet
83Kb / 3P
   50V, 2A Rectifier
SB20-05J SANYO-SB20-05J Datasheet
81Kb / 3P
   50V, 2A Rectifier
SB20-05P SANYO-SB20-05P Datasheet
67Kb / 2P
   50V, 2A Rectifier
SB20-05T SANYO-SB20-05T Datasheet
78Kb / 3P
   50V, 2A Rectifier
More results

Podobny opis - SB20-05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
SB20-05H SANYO-SB20-05H Datasheet
83Kb / 3P
   50V, 2A Rectifier
SB20-05T SANYO-SB20-05T Datasheet
78Kb / 3P
   50V, 2A Rectifier
SB20W05T SANYO-SB20W05T Datasheet
82Kb / 3P
   50V, 2A Rectifier
SB20-05J SANYO-SB20-05J Datasheet
81Kb / 3P
   50V, 2A Rectifier
SB20W05Z SANYO-SB20W05Z Datasheet
71Kb / 2P
   50V, 2A Rectifier
SB20-05P SANYO-SB20-05P Datasheet
67Kb / 2P
   50V, 2A Rectifier
SB20-05Z SANYO-SB20-05Z Datasheet
68Kb / 2P
   50V, 2A Rectifier
SB20W05V SANYO-SB20W05V Datasheet
70Kb / 2P
   50V, 2A Rectifier
logo
PFC Device Inc.
PFA2V50 PFC-PFA2V50 Datasheet
562Kb / 5P
   2A 50V MOS Schottky Rectifier
logo
Taiwan Semiconductor Co...
S2AH TSC-S2AH Datasheet
560Kb / 6P
   2A, 50V - 1400V Surface Mount Rectifier
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com