Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPI5002UC Arkusz danych(PDF) 1 Page - Sparkle Power Inc.

Numer części SPI5002UC
Szczegółowy opis  500 Watts ATX12V/EPS12V, 2U Switching Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SPI [Sparkle Power Inc.]
Strona internetowa  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

SPI5002UC Arkusz danych(HTML) 1 Page - Sparkle Power Inc.

  SPI5002UC Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Input Characteristics
Input Range: 90 ~ 264Vac, Full Range Input
Frequency: 47 ~ 63Hz
Input Current: Max 10A @ 115Vac, 5.0A @ 230Vac
Inrush Current: No Damage
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com
Specification
 Temperature Range: Operating: 0°C ~ +50°C on full load;
storage & shipping: -20°C ~ +80°C
 Humidity: 85% on operating, 95% on storage
 Dielectric Withstand: Primary frame ground 1800V AC for
1 second
 Efficiency: Typical up to 85%
 Rise time: Less than 20ms
 Hold-up Time: 16 ms minimum at nominal input voltage
 Power Good Signal: Power on delay time 100 ~ 500ms, off
delay 1ms minimum (TTL and CMOS compatible)
 Leakage Current: Less than 3.5mA at 264Vac, 50Hz
 MTBF: 100,000 hours on maximum load at +25°C
Dimensions (LxWxH): 240x100x70mm /9.4x3.9x 2.7 inch
Output Characteristics
Output Voltage
Minimum Load
Normal Load
Maximum Load
Load Reg.
Ripple & Noise
+3.3V
0.5A
12A
24A
± 5%
50mV P-P
+5V
0.5A
10A
20A
± 5%
50mV P-P
+12V1
1.0A
7.5A
15A
± 5%
120mV P-P
+12V2
1.0A
7.5A
15A
± 5%
120mV P-P
+12V3
1.0A
7.5A
15A
± 5%
120mV P-P
-12V
0.0A
0.25A
0.5A
± 10%
120mV P-P
+5Vsb
0.0A
1.25A
2.5A
± 5%
50mV P-P
*+3.3V and +5V total output not exceed 150W
* +12V1 and +12V2 , +12V3 total output not exceed 35A
* Total output for this subject power supply is 500W
SPI5002UC
(80PLUS, RoHS Compliant)
500 Watts ATX12V/EPS12V, 2U
Switching Power Supply
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Features
 Complied with ATX12V/ EPS12V standard
 Active Power Factor Correction (PFC) meet EN61000-3-2
 High efficiency and reliability
 Compatible with European Union Directive 2002/95/EC (Restriction on
Hazardous Substances).
 Remote ON/OFF function
 Internal 12V DC fan included
 Low noise and ripple
 Output over voltage, short circuit, and over current protection
 100% Hi-pot, ATE, and burn-in tested
 Re-settable power shut down
 Complies with FCC part 15 subpart J class B 115Vac operation, and
CISPR 22 class B at 230Vac operation
 Approved by : UL,CSA22.2 NO or CUL 60950-1, TUV or VDE,
EMC,FCC ,CE, CB report.


Podobny numer części - SPI5002UC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sparkle Power Inc.
SPI500ACA8 SPI-SPI500ACA8 Datasheet
588Kb / 1P
   Complied with ATX12V standard
SPI500ACAG SPI-SPI500ACAG Datasheet
765Kb / 2P
   500 Watts ATX12V 2.3 Switching Power Supply Meet 2010 ErP
SPI500ACAP SPI-SPI500ACAP Datasheet
226Kb / 1P
   Complied with ATX12V 2.3 standard
SPI500ACH8 SPI-SPI500ACH8 Datasheet
293Kb / 1P
   500 Watts ATX12V Switching Power Supply
SPI500MP SPI-SPI500MP Datasheet
81Kb / 1P
   500 Watts ATX12V/EPS12V Medical Grade Power
More results

Podobny opis - SPI5002UC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sparkle Power Inc.
SPI5102UA SPI-SPI5102UA Datasheet
35Kb / 1P
   510 Watts ATX12V/ EPS12V 2U Switching Power Supply
SPI4002UC SPI-SPI4002UC Datasheet
301Kb / 1P
   400 Watts ATX12V/EPS12V, 2U Switching Power Supply
SPI600W7BB SPI-SPI600W7BB Datasheet
48Kb / 1P
   600 Watts ATX12V/EPS12V, 2U Switching Power Supply
SPI700W7BB SPI-SPI700W7BB Datasheet
46Kb / 1P
   700 Watts ATX12V/EPS12V, 2U Switching Power Supply
FSP500-80BU SPI-FSP500-80BU Datasheet
302Kb / 2P
   500 Watts,ATX12V,EPS12V, 1U Switching Power Supply
R-FSP500-70ETN SPI-R-FSP500-70ETN Datasheet
2Mb / 1P
   500 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
FSP500-702UH SPI-FSP500-702UH Datasheet
103Kb / 1P
   500 Watts ATX 12V/EPS12V, 2U Switching Power Supply
FSP650-80GLC SPI-FSP650-80GLC Datasheet
103Kb / 1P
   650 Watts EPS12V & ATX12V Switching Power Supply
FSP400-70MP SPI-FSP400-70MP Datasheet
416Kb / 2P
   400 Watts ATX12V,EPS12V Switching Power Supply
R-SPI600GHN SPI-R-SPI600GHN Datasheet
547Kb / 1P
   600 Watts EPS12V & ATX12V Switching Power Supply
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com