Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN102 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FAN102
Szczegółowy opis  Design and Application of Primary-Side Regulation (PSR) PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN102 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FAN102 Datasheet HTML 1Page - Fairchild Semiconductor FAN102 Datasheet HTML 2Page - Fairchild Semiconductor FAN102 Datasheet HTML 3Page - Fairchild Semiconductor FAN102 Datasheet HTML 4Page - Fairchild Semiconductor FAN102 Datasheet HTML 5Page - Fairchild Semiconductor FAN102 Datasheet HTML 6Page - Fairchild Semiconductor FAN102 Datasheet HTML 7Page - Fairchild Semiconductor FAN102 Datasheet HTML 8Page - Fairchild Semiconductor FAN102 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
www.fairchildsemi.com
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1 • 1/26/10
AN-6067
Design and Application of Primary-Side Regulation (PSR)
PWM Controller
FAN100 / FAN102 / FSEZ1016A / FSEZ1216
Abstract
This application note describes a typical charger using the
PSR controller. Both the features of this controller, as well
as the operation of the power supply adaptor, are presented
in detail. Based on the proposed design guideline, a design
example with detailed parameters is given to demonstrate
the superior performance of the controller.
Applications
Battery chargers for cellular phones, cordless phones,
PDAs, digital cameras, power tools
Optimal choice for the replacement of linear
transformers and RCC SMPS
Features
Constant-Voltage (CV) and Constant-Current (CC)
Control without Secondary-Feedback Circuitry
Accurate Constant Current Achieved by Fairchild’s
Proprietary TRUECURRENTTechnique
Green-Mode Function: PWM Frequency Decreasing
Linearly
Fixed PWM Frequency at 42kHz with Frequency
Hopping to Solve EMI Problems
Low Startup Current: 10μA (Typical)
Low Operating Current: 3.5mA (Typical)
Peak-Current-Mode Control
Cycle-by-Cycle Current Limiting
VDD Over-Voltage Protection (OVP)
VDD Under-Voltage lockout (UVLO)
Gate Output Maximum Voltage Clamped at 18V
Fixed Over-Temperature Protection (OTP)
Cable Compensation for Tight CV Regulation
(FAN102 / FSEZ1216)
PSR PWM Controller
FAN100
PSR PWM Controller
FAN102
FAN100 + Cable Compensation
FSEZ1016A
FAN100 + MOSFET (1A/600V)
FSEZ1216
FAN102 + MOSFET (1A/600V)
Pin Configurations
Figure 1. FAN100
Figure 2. FAN102
Figure 3. FSEZ1016A
Figure 4. FSEZ1216


Podobny numer części - FAN102

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN102 FAIRCHILD-FAN102 Datasheet
959Kb / 14P
   Primary-Side-Control PWM Controller
FAN102 FAIRCHILD-FAN102 Datasheet
974Kb / 16P
   Primary-Side-Control PWM Controller
FAN102MY FAIRCHILD-FAN102MY Datasheet
959Kb / 14P
   Primary-Side-Control PWM Controller
FAN102MY FAIRCHILD-FAN102MY Datasheet
974Kb / 16P
   Primary-Side-Control PWM Controller
FAN102 FAIRCHILD-FAN102_09 Datasheet
974Kb / 16P
   Primary-Side-Control PWM Controller
More results

Podobny opis - FAN102

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103_10 Datasheet
667Kb / 16P
   Primary-Side-Regulation PWM Controller (PWM-PSR)
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
   Primary-Side-Regulation PWM Controller
logo
List of Unclassifed Man...
DP2525 ETC-DP2525 Datasheet
490Kb / 11P
   Low Cost Primary Side Regulation(PSR) PWM Power Switch
Rev.2.0
logo
ON Semiconductor
FL7740 ONSEMI-FL7740 Datasheet
657Kb / 16P
   Constant-Voltage Primary-Side-Regulation PWM Controller
April 2017 - Rev. P0
FL6630 ONSEMI-FL6630 Datasheet
453Kb / 14P
   Single-Stage Primary-Side-Regulation PWM Controller
May 2015 Rev. 1.0
FL7740 ONSEMI-FL7740_18 Datasheet
344Kb / 14P
   Constant-Voltage Primary-Side-Regulation PWM Controller
February 2018 - Rev. 3
FL7734 ONSEMI-FL7734 Datasheet
380Kb / 14P
   Single-Stage Primary-Side-Regulation PWM Controller
November 2014 Rev. 1.0
FL7730 ONSEMI-FL7730 Datasheet
896Kb / 15P
   Single-Stage Primary-Side-Regulation PWM Controller
October 2012 Rev. 1.0.8
FAN1080M6X ONSEMI-FAN1080M6X Datasheet
415Kb / 19P
   Offline Primary-Side-Regulation (PSR) Quasi-Resonant Valley Switch Controller
June, 2019 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com