Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN100 Arkusz danych(PDF) 8 Page - Fairchild Semiconductor

Numer części FAN100
Szczegółowy opis  Design and Application of Primary-Side Regulation (PSR) PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN100 Arkusz danych(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN100 Datasheet HTML 4Page - Fairchild Semiconductor FAN100 Datasheet HTML 5Page - Fairchild Semiconductor FAN100 Datasheet HTML 6Page - Fairchild Semiconductor FAN100 Datasheet HTML 7Page - Fairchild Semiconductor FAN100 Datasheet HTML 8Page - Fairchild Semiconductor FAN100 Datasheet HTML 9Page - Fairchild Semiconductor FAN100 Datasheet HTML 10Page - Fairchild Semiconductor FAN100 Datasheet HTML 11Page - Fairchild Semiconductor FAN100 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
AN-6067
APPLICATION NOTE
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1 • 1/26/10
8
Startup Circuitry
When the power is activated, the input voltage charges the
hold-up capacitor (C1) via the startup resistors, as shown in
Figure 20. As the voltage (VDD) reaches the startup voltage
threshold (VDD-ON), the PSR controller activates and drives
the entire power supply.
DD
V
GND
PSR
Controller
C1
D1
Vdc
IN
R
D_ON
T
Figure 20. Single-Step Circuit Connected to the
PSR Controller
The power-on delay is determined as follows:
⎟⎟
⎜⎜
=
IN
ST
DD
ac
ON
DD
IN
ON
D
R
I
V
V
C
R
T
2
1
ln
1
_
(2)
where I
DD-ST is the startup current of the PSR controller.
Due to the low startup current, a large RIN value, such as
1.5M
Ω can be used. With a hold-up capacitor of 4.7µF, the
power-on delay TD_ON is less than 3s for a 90VAC input.
If a shorter startup time is required, a two-step startup
circuit, as shown in Figure 21, is recommended. In this
circuit, a smaller C1 capacitor can be used to decrease
startup time without a need for a smaller startup resistor
(RIN) and increase the power dissipation on the RIN resistor.
The energy supporting the PSR controller after startup is
mainly from a larger capacitor C2.
DD
V
GND
PSR
Controller
C1
Vdc
IN
R
D_ON
T
C2
Figure 21. Two Steps of Providing Power to the
PSR Controller
The maximum power dissipation of RIN is:
(
)
IN
dc
IN
DD
dc
MAX
R
R
V
R
V
V
P
IN
2
max
,
2
max
,
,
=
(3)
where Vdc,max is the maximum rectified input voltage.
Take a wide-ranging input (90VAC~264VAC) as an example,
Vdc =100V~380V:
mW
P
MAX
RIN
96
10
5
.
1
380
6
2
,
×
=
(4)
Built-in Slope Compensation
The sensed voltage across the current sense resistor is used
for peak-current-mode control and cycle-by-cycle current
limiting. Within every switching cycle, the PSR controller
produces a positively sloped, synchronized ramp signal. The
built-in slope compensation function improves power supply
stability and prevents peak-current-mode control from
causing sub-harmonic oscillations.
Leading Edge Blanking (LEB)
Each time the MOSFET is powered on, a spike, induced by
the diode reverse recovery and by the output capacitances of
the MOSFET and diode, appears on the sensed signal. To
avoid premature termination of the MOSEFT, a leading-
edge blanking time is introduced in the PSR controller.
During the blanking period, the current-limit comparator is
disabled and unable to switch off the gate driver.
Under-Voltage Lockout (UVLO)
The power-on and off thresholds of the PSR controller are
fixed at 16V/5V. During startup, the hold-up capacitor must
be charged to 16V through the startup resistor to enable PSR
controller. The hold-up capacitor continues to supply VDD
until power can be delivered from the auxiliary winding of
the main transformer (VDD must not drop below 5V during
this startup process). This UVLO hysteresis window ensures
that the hold-up capacitor can adequately supply VDD during
startup.
VDD Over-Voltage Protection (OVP)
VDD over-voltage protection prevents damage due to over-
voltage conditions. When VDD exceeds 28V due to abnormal
conditions, PWM output is turned off. Over-voltage
conditions are usually caused by open feedback loops.
Over-Temperature Protection (OTP)
The PSR controller has a built-in temperature sensing circuit
to shut down the PWM output if the junction temperature
exceeds 145°C. When the PWM output shuts down, the VDD
voltage gradually drops to the UVLO voltage. Some of the
internal circuits shut down and VDD gradually starts


Podobny numer części - FAN100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
FAN100 FAIRCHILD-FAN100 Datasheet
517Kb / 16P
   Primary-Side-Control PWM Controller
FAN100MY FAIRCHILD-FAN100MY Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
FAN100MY FAIRCHILD-FAN100MY Datasheet
517Kb / 16P
   Primary-Side-Control PWM Controller
FAN100 FAIRCHILD-FAN100_09 Datasheet
517Kb / 16P
   Primary-Side-Control PWM Controller
More results

Podobny opis - FAN100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103_10 Datasheet
667Kb / 16P
   Primary-Side-Regulation PWM Controller (PWM-PSR)
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
   Primary-Side-Regulation PWM Controller
logo
List of Unclassifed Man...
DP2525 ETC-DP2525 Datasheet
490Kb / 11P
   Low Cost Primary Side Regulation(PSR) PWM Power Switch
Rev.2.0
logo
ON Semiconductor
FL7740 ONSEMI-FL7740 Datasheet
657Kb / 16P
   Constant-Voltage Primary-Side-Regulation PWM Controller
April 2017 - Rev. P0
FL6630 ONSEMI-FL6630 Datasheet
453Kb / 14P
   Single-Stage Primary-Side-Regulation PWM Controller
May 2015 Rev. 1.0
FL7740 ONSEMI-FL7740_18 Datasheet
344Kb / 14P
   Constant-Voltage Primary-Side-Regulation PWM Controller
February 2018 - Rev. 3
FL7734 ONSEMI-FL7734 Datasheet
380Kb / 14P
   Single-Stage Primary-Side-Regulation PWM Controller
November 2014 Rev. 1.0
FL7730 ONSEMI-FL7730 Datasheet
896Kb / 15P
   Single-Stage Primary-Side-Regulation PWM Controller
October 2012 Rev. 1.0.8
FAN1080M6X ONSEMI-FAN1080M6X Datasheet
415Kb / 19P
   Offline Primary-Side-Regulation (PSR) Quasi-Resonant Valley Switch Controller
June, 2019 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com