Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN6300 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FAN6300
Szczegółowy opis  Highly Integrated Quasi-Resonant PWM Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6300 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FAN6300 Datasheet HTML 1Page - Fairchild Semiconductor FAN6300 Datasheet HTML 2Page - Fairchild Semiconductor FAN6300 Datasheet HTML 3Page - Fairchild Semiconductor FAN6300 Datasheet HTML 4Page - Fairchild Semiconductor FAN6300 Datasheet HTML 5Page - Fairchild Semiconductor FAN6300 Datasheet HTML 6Page - Fairchild Semiconductor FAN6300 Datasheet HTML 7Page - Fairchild Semiconductor FAN6300 Datasheet HTML 8Page - Fairchild Semiconductor FAN6300 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AN-6300
APPLICATION NOTE
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.2 • 5/21/10
3
Design Procedure for the Primary-Side Inductance of Transformer
In this section, a design procedure is described using the
schematic of Figure 1 as a reference.
[a] Define the System Specifications
Line voltage range (Vin,min and Vin,max)
Maximum output power (Po).
Output voltage (Vo) and maximum output current (Io)
Estimated efficiency (η)
The power conversion efficiency must be estimated to
calculate the maximum input power. In the case of NB
adaptor applications, the typical efficiency is 85%~90%.
With the estimated efficiency, the maximum input power
is given by:
o
in
P
P=
η
(1)
[b] Estimate Reflected Output Voltage
Figure 3 shows the typical waveforms of the drain voltage
of quasi-resonant flyback converter. When the MOSFET
is turned off, the DC link voltage (Vo), together with the
output voltage (Vo) and the forward voltage drop of the
Schottky diode (Vd) reflected to the primary, are imposed
on the MOSFET. The maximum nominal voltage across
the MOSFET (Vds) is:
ds,max
in,max
o
d
VV
+ n V +V
=(
)
(2)
where the turns ratio of primary to secondary side of
transformer is defined as n and Vds is as specified in
Equation 2.
By increasing n, the capacitive switching loss and
conduction loss of the MOSFET is reduced. However, this
increases the voltage stress on the MOSFET as shown in
Figure 3. Therefore, determine n by a trade-off between
the voltage margin of the MOSFET and the efficiency.
Typically, a turn-off voltage spike of Vds is considered as
100V, thus Vds,max is designed around 490~550V
(75~85% of MOSFET rated voltage).
[c] Determine the Transformer Primary-side
Inductance (LP)
Figure 4 shows the typical waveforms of MOSFET drain
current (Ids), secondary diode current (Id), and the
MOSFET drain voltage (Vds) of a QR converter. During
tOFF, the current flows through the secondary side rectifier
diode. When Id reduces to zero, Vds begins to drop by the
resonance between the effective output capacitor of the
MOSFET and the primary-side inductance (LP). To
minimize the switching loss, the FAN6300/A/H is
designed to turn on the MOSFET when Vds reaches its
minimum voltage Vin-n(Vo+Vd).
Vin
+
-
Vo
+
-
Coss
Vds
+
-
+
-
Vds
Vin,max
n(Vo+Vd)
Vds
0V
n(Vo+Vd)
n(Vo+Vd)
n(Vo+Vd)
+-
Vd
n(Vo+Vd)
n:1
Figure 3. Typical Waveform of MOSFET Drain Voltage
for QR Operation
Ids
Id
Vds
Vin
Vin+n(Vo+Vd)
tON
tOFF
tF
TS
n(Vo+Vd)
Vin-n(Vo+Vd)
n(Vo+Vd)
Iin
Ids
pk
DTs
Figure 4. Typical Waveform of QR Operation


Podobny numer części - FAN6300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN6300 FAIRCHILD-FAN6300 Datasheet
761Kb / 14P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
FAN6300A FAIRCHILD-FAN6300A Datasheet
1Mb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
logo
ON Semiconductor
FAN6300A ONSEMI-FAN6300A Datasheet
789Kb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
January 2014 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN6300AMY FAIRCHILD-FAN6300AMY Datasheet
1Mb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
logo
ON Semiconductor
FAN6300AMY ONSEMI-FAN6300AMY Datasheet
789Kb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
January 2014 Rev. 1.0.2
More results

Podobny opis - FAN6300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FAN6300A ONSEMI-FAN6300A Datasheet
789Kb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
January 2014 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN6300 FAIRCHILD-FAN6300 Datasheet
761Kb / 14P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
FAN6300A FAIRCHILD-FAN6300A Datasheet
1Mb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
logo
Infineon Technologies A...
ICE2QS03 INFINEON-ICE2QS03 Datasheet
803Kb / 19P
   Quasi-Resonant PWM Controller
Ver 2.0, December 4, 2009
logo
Diodes Incorporated
AP3302 DIODES-AP3302 Datasheet
624Kb / 17P
   QUASI-RESONANT PWM CONTROLLER
AP3303 DIODES-AP3303 Datasheet
844Kb / 16P
   QUASI-RESONANT PWM CONTROLLER
May 2019
logo
ON Semiconductor
FAN604 ONSEMI-FAN604 Datasheet
1Mb / 23P
    Quasi-Resonant PWM Controller
March 2017- Rev. P0
logo
Infineon Technologies A...
ICE2QS01 INFINEON-ICE2QS01 Datasheet
361Kb / 17P
   Quasi-resonant PWM Controller
Version 2.1, 26 Oct 2007
ICE2QS03 INFINEON-ICE2QS03_11 Datasheet
637Kb / 19P
   Quasi-Resonant PWM Controller
Version 2.1, April 21, 2011
logo
SYNC POWER Crop.
SP6878 SYNC-POWER-SP6878 Datasheet
432Kb / 8P
   Quasi-Resonant PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com