Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQPF13N50C Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części FQPF13N50C
Szczegółowy opis  Power Factor Correction Converter Design
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF13N50C Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  FQPF13N50C Datasheet HTML 1Page - Fairchild Semiconductor FQPF13N50C Datasheet HTML 2Page - Fairchild Semiconductor FQPF13N50C Datasheet HTML 3Page - Fairchild Semiconductor FQPF13N50C Datasheet HTML 4Page - Fairchild Semiconductor FQPF13N50C Datasheet HTML 5Page - Fairchild Semiconductor FQPF13N50C Datasheet HTML 6Page - Fairchild Semiconductor FQPF13N50C Datasheet HTML 7Page - Fairchild Semiconductor FQPF13N50C Datasheet HTML 8Page - Fairchild Semiconductor FQPF13N50C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AN-6982
APPLICATION NOTE
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 6/8/10
5
Soft-Start Function
The soft-start is combined with RDY pin operation. During
startup, the RDY pin remains floating until the PFC output
voltage reaches 96% of its nominal value. When the supply
voltage of the downstream converter is controlled by the
RDY pin, the PFC stage starts with no load since the
downstream converter does not operate until the PFC
output voltage is built to a certain level.
Usually the error amplifier output VEA is saturated to
HIGH during the startup since the actual output voltage is
less than the target value. VEA remains saturated to HIGH
until the PFC output voltage reaches its target value. Once
the PFC output reaches its target value, the error amplifier
comes out of saturation. However, it takes several line
cycles for VEA to drop to its proper value for the output
regulation, which delivers more power to the load than
required, causing output voltage overshoot.
To prevent output voltage overshoot during startup caused
by the saturation of error amplifier; FAN6982 clamps the
error amplifier output voltage (VEA) at 2.8V, which is half
of its maximum value, until PFC output reaches 96% of its
nominal value. Once the PFC output voltage reaches 96%
of its nominal value, the clamping function of VEA is
disabled. Then the voltage of PFC output is regulated by
voltage control loop.
Nominal Output Voltage
96% of Nominal Output Voltage
2.8V
VEA
VOUT
VEA
SAT
VDD of Downstream DC/DC
Input Line Current
Figure 12.
PFC Soft-Start


Podobny numer części - FQPF13N50C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQPF13N50C FAIRCHILD-FQPF13N50C Datasheet
873Kb / 10P
   500V N-Channel MOSFET
FQPF13N50C FAIRCHILD-FQPF13N50C Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FQPF13N50C FAIRCHILD-FQPF13N50C Datasheet
927Kb / 10P
   500V N-Channel MOSFET
FQPF13N50C FAIRCHILD-FQPF13N50C Datasheet
927Kb / 10P
   500V N-Channel MOSFET
FQPF13N50C FAIRCHILD-FQPF13N50C Datasheet
1Mb / 10P
   500V N-Channel MOSFET
More results

Podobny opis - FQPF13N50C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
AN4107 FAIRCHILD-AN4107 Datasheet
491Kb / 14P
   Design of Power Factor Correction
AN-6026 FAIRCHILD-AN-6026 Datasheet
352Kb / 23P
   Design of Power Factor Correction Circuit
AN4121 FAIRCHILD-AN4121 Datasheet
130Kb / 22P
   Design of Power Factor Correction Circuit
AN-6027 FAIRCHILD-AN-6027 Datasheet
422Kb / 16P
   Design of Power Factor Correction Circuit
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
B25667B3497A375 EPCOS-B25667B3497A375_05 Datasheet
103Kb / 3P
   Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com