Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQPF13N50C Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FQPF13N50C
Szczegółowy opis  Power Factor Correction Converter Design
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF13N50C Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FQPF13N50C Datasheet HTML 1Page - Fairchild Semiconductor FQPF13N50C Datasheet HTML 2Page - Fairchild Semiconductor FQPF13N50C Datasheet HTML 3Page - Fairchild Semiconductor FQPF13N50C Datasheet HTML 4Page - Fairchild Semiconductor FQPF13N50C Datasheet HTML 5Page - Fairchild Semiconductor FQPF13N50C Datasheet HTML 6Page - Fairchild Semiconductor FQPF13N50C Datasheet HTML 7Page - Fairchild Semiconductor FQPF13N50C Datasheet HTML 8Page - Fairchild Semiconductor FQPF13N50C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.fairchildsemi.com
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 6/8/10
AN-6982
Power Factor Correction Converter Design with FAN6982
Introduction
The FAN6982 is a 14-pin, Continuous Conduction Mode
(CCM) Power Factor Correction (PFC) controller IC, that
employs leading-edge modulation for average current
control and has a number of advanced features for better
performance and reliability. The variable output voltage
function (range function) reduces PFC output voltage at
light-load and low-line conditions to improve light-load
efficiency, but can be also easily disabled using EN pin.
The RDY signal can be used for power-on sequence
control of the downstream DC/DC converter. A TriFault
Detect™ function helps reduce external components and
provides full protection for feedback loops such as open,
short, and over voltage. FAN6982 also includes PFC soft-
start, peak current limiting, line feed-forward, and input
voltage brownout protection.
This application note describes the theory of operation and
step-by-step design considerations for a power factor
correction power supply using the FAN6982 controller. A
typical application circuit is shown in Figure 1, where the
supply voltage, VDD, is supplied from a standby auxiliary
power supply and the supply voltage for the downstream
converter is controlled by the RDY pin.
IEA
RT/CT
RDY
EN
VRMS
ISENSE
IAC
SGND
OPFC
PGND
VDD
VREF
FBPFC
VEA
FAN6982
Range Enabled/Disabled
VEN =VVREF : Enabled
VEN = GND : Disabled
AC Input
F1
CIF2
LBOOST
DBOOST
CBOOST
Q1
RCS
RRMS1
RRMS2
RRMS3
CRMS1
CRMS2
RLF
CLF
RIAC
RIC
CIC1
CIC2
D1 D2
RDRV
RPL
CDD
RFB2 CFB
RFB1
RVC
CVC1
CVC2
RT
CT
CREF
REN
CRDY
vCC
VBOUT
Downstream
DC/DC Converter
PWM Controller
Q2
Rreg1
Rreg2
Rreg3
VOUT
From Standby Auxiliary Power Supply
CIF1
Figure 1. Typical FAN6982 Application Circuit


Podobny numer części - FQPF13N50C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQPF13N50C FAIRCHILD-FQPF13N50C Datasheet
873Kb / 10P
   500V N-Channel MOSFET
FQPF13N50C FAIRCHILD-FQPF13N50C Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FQPF13N50C FAIRCHILD-FQPF13N50C Datasheet
927Kb / 10P
   500V N-Channel MOSFET
FQPF13N50C FAIRCHILD-FQPF13N50C Datasheet
927Kb / 10P
   500V N-Channel MOSFET
FQPF13N50C FAIRCHILD-FQPF13N50C Datasheet
1Mb / 10P
   500V N-Channel MOSFET
More results

Podobny opis - FQPF13N50C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
AN4107 FAIRCHILD-AN4107 Datasheet
491Kb / 14P
   Design of Power Factor Correction
AN-6026 FAIRCHILD-AN-6026 Datasheet
352Kb / 23P
   Design of Power Factor Correction Circuit
AN4121 FAIRCHILD-AN4121 Datasheet
130Kb / 22P
   Design of Power Factor Correction Circuit
AN-6027 FAIRCHILD-AN-6027 Datasheet
422Kb / 16P
   Design of Power Factor Correction Circuit
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
B25667B3497A375 EPCOS-B25667B3497A375_05 Datasheet
103Kb / 3P
   Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com