Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FFPF10H60S Arkusz danych(PDF) 10 Page - Fairchild Semiconductor

Numer części FFPF10H60S
Szczegółowy opis  Power Factor Correction Converter Design
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF10H60S Arkusz danych(HTML) 10 Page - Fairchild Semiconductor

Back Button FFPF10H60S Datasheet HTML 6Page - Fairchild Semiconductor FFPF10H60S Datasheet HTML 7Page - Fairchild Semiconductor FFPF10H60S Datasheet HTML 8Page - Fairchild Semiconductor FFPF10H60S Datasheet HTML 9Page - Fairchild Semiconductor FFPF10H60S Datasheet HTML 10Page - Fairchild Semiconductor FFPF10H60S Datasheet HTML 11Page - Fairchild Semiconductor FFPF10H60S Datasheet HTML 12Page - Fairchild Semiconductor FFPF10H60S Datasheet HTML 13Page - Fairchild Semiconductor FFPF10H60S Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AN-6982
APPLICATION NOTE
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 6/8/10
10
[STEP-6] PFC Current-Sensing Circuit
Design
Figure 18 shows the PFC compensation circuits for the
input current shaping and output voltage regulation. The
first step in compensation network design is to select the
current-sensing resistor of PFC converter considering the
maximum power limit. Since line feed-forward is used, the
output power is proportional to the voltage control error
amplifier voltage as:
0.6
()
0.6
MAX
EA
OUT
EA
OUT
SAT
EA
V
PV
P
V
=⋅
(26)
where VEA
SAT is 5.6V and the maximum power limit of
PFC given by the maximum VEA voltage is:
2
.
MAX
MAX
LINE BO
M
OUT
IAC
CS
VG
R
P
RR
⋅⋅
=
(27)
where RM is internal modulator resistor whose typical value
is 5.7kΩ, RIAC is a resistor connected between IAC pin, and
PFC input and GMAX is the maximum of ratio of IAC pin
current and modulator output current (IMO/IAC). The typical
value of GMAX is 9 when VRMS pin voltage is 1.05V,
which is related to the brownout protection threshold of
line voltage (VLINE.BO).
It is typical to set the maximum power limit of the PFC
stage around 1.2~1.5 of its nominal output power, such that
the VEA is around 4~4.5V at nominal output power. By
adjusting the current-sensing resistor for the PFC converter,
the maximum power limit of the PFC stage can be
programmed.
To filter out the current ripple of switching frequency, an
RC filter is typically used for the ISENSE pin. RLF should
not be larger than 100Ω and the time constant of the filter
should be 300~500ns to properly remove the leading-edge
current spike caused by reverse recovery of output diode.
Diodes D1 and D2 are required to prevent over-voltage on
the ISENSE pin due to the inrush current that might
damage FAN6982. A fast recovery diode or ultra-fast
recovery diode is recommended.
Figure 18. Gain Modulation Block
(Design Example)
Setting the maximum power limit
of the PFC stage as 450W (around 130% of nominal
output power), the current sensing resistor is obtained
as:
2
23
.
6
72 9 5.7 10
0.098
6 10 450
⋅⋅
⋅⋅
×
=
==
Ω
×⋅
MAX
LINE BO
M
CS
MAX
IAC BOUT
VG
R
R
RP
Thus, 0.1
Ω resistor is selected.
[STEP-8] PFC Current Loop Design
The transfer function from duty cycle to the inductor
current of boost power stage is given as:
=
)
)
BOUT
L
BOOST
V
i
sL
d
(28)
The transfer function from the output of the current control
error amplifier to the inductor current-sensing voltage is
obtained as:
=
)
)
CS
CS
BOUT
IEA
RAMP
BOOST
vR
V
vV
sL
(29)
where VRAMP is the peak to peak voltage of ramp signal for
current control PWM comparator, which is 2.55V.
The transfer function of the compensation circuit is given as:
1
2
2
1
2
π
π
π
+
=⋅
+
)
)
IC
IEA
II
CS
IP
s
f
vf
s
vs
f
(30)


Podobny numer części - FFPF10H60S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FFPF10H60S FAIRCHILD-FFPF10H60S Datasheet
164Kb / 5P
   Hyperfast Recovery Power Rectifier
FFPF10H60S FAIRCHILD-FFPF10H60S Datasheet
130Kb / 5P
   Hyperfast 2 Rectifier
FFPF10H60S FAIRCHILD-FFPF10H60S Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FFPF10H60STU FAIRCHILD-FFPF10H60STU Datasheet
164Kb / 5P
   Hyperfast Recovery Power Rectifier
FFPF10H60STU FAIRCHILD-FFPF10H60STU Datasheet
130Kb / 5P
   Hyperfast 2 Rectifier
More results

Podobny opis - FFPF10H60S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
AN4107 FAIRCHILD-AN4107 Datasheet
491Kb / 14P
   Design of Power Factor Correction
AN-6026 FAIRCHILD-AN-6026 Datasheet
352Kb / 23P
   Design of Power Factor Correction Circuit
AN4121 FAIRCHILD-AN4121 Datasheet
130Kb / 22P
   Design of Power Factor Correction Circuit
AN-6027 FAIRCHILD-AN-6027 Datasheet
422Kb / 16P
   Design of Power Factor Correction Circuit
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
B25667B3497A375 EPCOS-B25667B3497A375_05 Datasheet
103Kb / 3P
   Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com