Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB3100 Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części SB3100
Szczegółowy opis  Power Switch (FPS?? FSL1x7 to Low- Power Supplies
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SB3100 Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

Back Button SB3100 Datasheet HTML 3Page - Fairchild Semiconductor SB3100 Datasheet HTML 4Page - Fairchild Semiconductor SB3100 Datasheet HTML 5Page - Fairchild Semiconductor SB3100 Datasheet HTML 6Page - Fairchild Semiconductor SB3100 Datasheet HTML 7Page - Fairchild Semiconductor SB3100 Datasheet HTML 8Page - Fairchild Semiconductor SB3100 Datasheet HTML 9Page - Fairchild Semiconductor SB3100 Datasheet HTML 10Page - Fairchild Semiconductor SB3100 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AN-9719
APPLICATION NOTE
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 11/2/10
7
(Design Example) EE-16 core is selected, whose
effective cross-sectional area is 19.2mm2. Choosing the
saturation flux density as 0.3T, the minimum number of
turns for the primary-side is obtained as:
·
·
10
540 10
·0.8
0.3 · 19.2
10
75
[STEP-7] Determine the Number of Turns for each
Winding
Figure 12 shows a simplified diagram of the transformer.
First calculate the turn ratio (n) between the primary-side
and the secondary-side from the reflected output voltage
(VRO) determined in Step-3 as:
(13)
where NP and NS are the number of turns for primary-side
and secondary-side, respectively; VO is the output voltage;
and VF is the output diode (DO) forward-voltage drop.
Next, determine the proper integer for NS such that the
resulting NP is larger than NP
MIN obtained from Equation 12.
The number of turns for the auxiliary winding for VDD
supply is determined as:
·
(14)
where VDD is the supply voltage nominal value and VFA is
the forward-voltage drop of DDD as defined in Figure 12.
Since VDD increases as the output load increases, set VDD at
5~8V higher than VDD UVLO level (8V) to avoid the over-
voltage protection condition during the peak-load operation.
Figure 12. Simplified Transformer Diagram
(Design
Example)
Assuming the diode forward-
voltage drop is 0.85V, the turn ratio is obtained as:
74
12
0.85
5.8
Then determine the proper integer for NS such that the
resulting NP is larger than NP
MIN as:
13,
·
75
Setting
as 12V, the number of turns for the
auxiliary winding is obtained as:
·
12
0.85
12
0.5
·13
13
[STEP-8] Determine the Wire Diameter for Each Winding
Based on the RMS Current of Winding
The maximum RMS current of the secondary winding is
obtained as:
·
1
(15)
The current density is typically 3~5A/mm2 when the wire is
long (>1m). When the wire is short with a small number of
turns, a current density of 5~10A/mm2 is acceptable. Avoid
using wire with a diameter larger than 1mm to avoid severe
eddy current or ac losses. For high-current output, it is better
to use parallel windings with multiple strands of thinner
wire to minimize skin effect.
(Design Example)
The RMS current of primary-side
winding is obtained from Step-4 as 0.31A. The RMS
current of secondary-side winding is calculated as:
·
1
5.8 · 0.31
1
0.48
0.48
1.87
0.3mm (5A/mm2) and 0.4mm (8A/mm2) diameter wires
are selected for primary and secondary windings,
respectively.
[STEP-9] Choose the Rectifier Diode in the Secondary-
Side Based on the Voltage and Current Ratings
The maximum reverse voltage and the RMS current of the
rectifier diode are obtained as:
(16)
·
1
(17)


Podobny numer części - SB3100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
SB3100 KEXIN-SB3100 Datasheet
776Kb / 2P
   Schottky Diodes
logo
Pan Jit International I...
SB3100 PANJIT-SB3100 Datasheet
54Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Nanjing International G...
SB3100 DGNJDZ-SB3100 Datasheet
281Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Semikron International
SB3100 SEMIKRON-SB3100 Datasheet
137Kb / 2P
   Schottky barrier rectifiers diodes
logo
Fairchild Semiconductor
SB3100 FAIRCHILD-SB3100 Datasheet
488Kb / 10P
   Power Switch (FPSTM) FSBH-series to Standby Auxiliary Power Supply
More results

Podobny opis - SB3100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA5S FAIRCHILD-KA5S_03 Datasheet
213Kb / 16P
   Power Switch(FPS)
KA1M0880D FAIRCHILD-KA1M0880D Datasheet
114Kb / 10P
   Power Switch(FPS)
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com