Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN400A Arkusz danych(PDF) 11 Page - Fairchild Semiconductor

Numer części FAN400A
Szczegółowy opis  Low-Power Green-Mode PWM Flyback Power Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN400A Arkusz danych(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN400A Datasheet HTML 7Page - Fairchild Semiconductor FAN400A Datasheet HTML 8Page - Fairchild Semiconductor FAN400A Datasheet HTML 9Page - Fairchild Semiconductor FAN400A Datasheet HTML 10Page - Fairchild Semiconductor FAN400A Datasheet HTML 11Page - Fairchild Semiconductor FAN400A Datasheet HTML 12Page - Fairchild Semiconductor FAN400A Datasheet HTML 13Page - Fairchild Semiconductor FAN400A Datasheet HTML 14Page - Fairchild Semiconductor FAN400A Datasheet HTML 15Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN400A Rev. 1.0.2
11
Applications Information
Figure 16.
Reference Circuit (without Secondary-Side Feedback)
BOM
Reference
Component
Reference
Component
BD1
BD DI106 1A/600V
F1
R 1Ω/0.5W
CX1 (Option)
YC 4.7nF/400V (Y1)
L1
Inductor 20mH 6*8mm
CY1 (Option)
YC 2.2nF/250V (Y1)
L2
Inductor 10μH 6mm
C1
EC 4.7μF/400V 105°C
Q1
MOSFET 1A/600V
C2
EC 4.7μF/400V 105°C
R1,R2
R 750kΩ/1206
C3
CC 1nF/1kV
R3,R4
R 47kΩ/1206
C4
EC 10μF/50V
R5
R 47Ω/1206
C7 (Option)
CC 1nF/100V 1206
R6
R 4.7Ω/0.5W
C8
EC 470μF/10V 105°C
R7
R 100Ω/0805
C9
EC 220μF/10V 105°C
R8
R 10Ω/1206
D1
Diode FRI07
R10 (Option)
R 10Ω/1206
D2
Diode FR102
T1
Transformer EE-16
D4
Diode SB360
U4
IC FAN400A (Green PWM IC)
D5 (Option)
ZD 6.8V/0.5W


Podobny numer części - FAN400A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN400A FAIRCHILD-FAN400A Datasheet
567Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
FAN400ANY FAIRCHILD-FAN400ANY Datasheet
567Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
FAN400ATY FAIRCHILD-FAN400ATY Datasheet
567Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
More results

Podobny opis - FAN400A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
AN-400A FAIRCHILD-AN-400A Datasheet
305Kb / 8P
   Low-Power Green-Mode PWM Flyback Power Controller
logo
List of Unclassifed Man...
SG6849 ETC2-SG6849 Datasheet
330Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
logo
Fairchild Semiconductor
SG684965TZ FAIRCHILD-SG684965TZ Datasheet
391Kb / 16P
   Low-Power, Green-Mode PWM Flyback Power Controller without Secondary Feedback
FAN400A FAIRCHILD-FAN400A Datasheet
567Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
SGP400 FAIRCHILD-SGP400 Datasheet
492Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
FAN400C FAIRCHILD-FAN400C Datasheet
544Kb / 14P
   Low-Power, Green-Mode, PWM Flyback Power Controller without Secondary Feedback (CC)
logo
Excelliance MOS Corp.
EM8631 EXCELLIANCE-EM8631 Datasheet
286Kb / 11P
   Green mode PWM Flyback Controller
EM8632 EXCELLIANCE-EM8632 Datasheet
285Kb / 11P
   Green mode PWM Flyback Controller
logo
Unisonic Technologies
UB3846 UTC-UB3846 Datasheet
334Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
UC3863 UTC-UC3863 Datasheet
366Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com