Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN2512S33X Arkusz danych(PDF) 8 Page - Fairchild Semiconductor

Numer części FAN2512S33X
Szczegółowy opis  150 mA CMOS LDO Regulators with Fast Start Enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2512S33X Arkusz danych(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN2512S33X Datasheet HTML 2Page - Fairchild Semiconductor FAN2512S33X Datasheet HTML 3Page - Fairchild Semiconductor FAN2512S33X Datasheet HTML 4Page - Fairchild Semiconductor FAN2512S33X Datasheet HTML 5Page - Fairchild Semiconductor FAN2512S33X Datasheet HTML 6Page - Fairchild Semiconductor FAN2512S33X Datasheet HTML 7Page - Fairchild Semiconductor FAN2512S33X Datasheet HTML 8Page - Fairchild Semiconductor FAN2512S33X Datasheet HTML 9Page - Fairchild Semiconductor FAN2512S33X Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PRODUCT SPECIFICATION
FAN2512/FAN2513
8
REV. 1.1.9 12/17/10
Typical Performance Characteristics (continued)
Functional Characteristics
0.00
Input Voltage (V)
Ground Pin Current
5.00
10.00
15.00
20.00
25.00
30.00
35.00
3.0
4.0
5.0
6.0
7.0
V
OUT = 3V
I
OUT = 100µA
0.00
Input Voltage (V)
Ground Pin Current
5.00
10.00
15.00
20.00
25.00
30.00
35.00
3.0
4.0
5.0
6.0
7.0
V
OUT = 3V
I
OUT = 150mA
Output Current (mA)
Dropout Voltage
60.00
30.00
0.00
90.00
120.00
150.00
0.1
25
50
75
100 125 150
Input Voltage (V)
Dropout Characteristics
1.0
0.5
0.0
1.5
2.0
2.5
3.0
3.5
0.0
1.0
2.0
3.0
4.0
5.0
V
OUT = 3V
R
OUT = 20Ω
R
OUT = 30KΩ
Temperature (
°C)
-40
0
40
80
125
2
0
4
6
8
I
L = 100µA
Dropout Voltage
Temperature (
°C)
-40
0
40
80
125
50
0
100
150
200
I
L = 150mA
Dropout Voltage
Temperature (
°C)
-40
0
40
80
125
Output Voltage
vs. Temperature
2.9
2.85
2.95
3
3.05
V
IN = 4V
Typical 3V device
I
L = 100µA
Temperature (
°C)
Ground Pin Current
25
0
50
75
-40
0
40
80
125
V
IN = 4V
V
OUT = 3V
I
L = 150mA
Temperature (
°C)
Ground Pin Current
25
0
50
75
-40
0
40
80
125
V
IN = 4V
V
OUT = 3V
I
L = 100µA
Time (20
µs/div)
Shutdown Delay
Disable
V
OUT
Time (20
µs/div)
Enable Pin Delay
Enable
V
OUT


Podobny numer części - FAN2512S33X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN2512S33X FAIRCHILD-FAN2512S33X Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
logo
ON Semiconductor
FAN2512S33X ONSEMI-FAN2512S33X Datasheet
431Kb / 12P
   CMOS LDO Regulators with Fast Start Enable
REV. 1.2.0 01/10/13
More results

Podobny opis - FAN2512S33X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN2512 FAIRCHILD-FAN2512 Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2510 FAIRCHILD-FAN2510 Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
FAN2518 FAIRCHILD-FAN2518 Datasheet
246Kb / 10P
   50 mA CMOS LDO Regulators with Fast Start Enable
FAN2534 FAIRCHILD-FAN2534 Datasheet
492Kb / 11P
   150 mA CMOS LDO Regulator with Fast Start, Enable
FAN2514 FAIRCHILD-FAN2514 Datasheet
253Kb / 10P
   200 mA CMOS LDO Regulators with Fast Start Enable
logo
ON Semiconductor
FAN2512 ONSEMI-FAN2512 Datasheet
431Kb / 12P
   CMOS LDO Regulators with Fast Start Enable
REV. 1.2.0 01/10/13
FAN2510 ONSEMI-FAN2510 Datasheet
944Kb / 14P
   CMOS LDO Regulators with Fast Start Enable
Rev. 1.1.0
logo
Fairchild Semiconductor
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502 Datasheet
255Kb / 10P
   150 mA CMOS LDO Regulators
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com