Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN2560 Arkusz danych(PDF) 9 Page - Fairchild Semiconductor

Numer części FAN2560
Szczegółowy opis  350mA Low-VIN LDO with Fast Transient Response
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2560 Arkusz danych(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN2560_09 Datasheet HTML 3Page - Fairchild Semiconductor FAN2560_09 Datasheet HTML 4Page - Fairchild Semiconductor FAN2560_09 Datasheet HTML 5Page - Fairchild Semiconductor FAN2560_09 Datasheet HTML 6Page - Fairchild Semiconductor FAN2560_09 Datasheet HTML 7Page - Fairchild Semiconductor FAN2560_09 Datasheet HTML 8Page - Fairchild Semiconductor FAN2560_09 Datasheet HTML 9Page - Fairchild Semiconductor FAN2560_09 Datasheet HTML 10Page - Fairchild Semiconductor FAN2560_09 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2560 • Rev. 1.0.1
9
Application Example: Post Regulator for a Switching Converter
The FAN2560 is an ideal choice for battery-powered
equipment. The low quiescent bias current can be
supplied directly from the battery, while the input
voltage can come from a high-efficiency buck regulator,
like FAN5350. This combination provides both best
efficiency and low noise output. As can be seen in the
scope pictures below the schematic, the already-low
output voltage ripple, inherent to a switching regulator,
is significantly attenuated by the FAN2560 at any
frequency within the switching operating range.
Figure 23. Post Regulator for a Switching Converter
Figure 24. PFM Mode (100mA Load) Buck Ripple
Rejection, Horizontal Scale: 500ns/div.
Figure 25. PWM, 3MHz (300mA Load) Buck Ripple
Rejection, Horizontal Scale: 200ns/div.


Podobny numer części - FAN2560_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN2560UC13X FAIRCHILD-FAN2560UC13X Datasheet
795Kb / 12P
   350mA Low-VIN LDO with Fast Transient Response
FAN2560UC15X FAIRCHILD-FAN2560UC15X Datasheet
795Kb / 12P
   350mA Low-VIN LDO with Fast Transient Response
More results

Podobny opis - FAN2560_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN2560 FAIRCHILD-FAN2560 Datasheet
795Kb / 12P
   350mA Low-VIN LDO with Fast Transient Response
logo
Linear Technology
LT1764A LINER-LT1764A_15 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
ON Semiconductor
NCV8186 ONSEMI-NCV8186 Datasheet
211Kb / 10P
   Fast Transient Response Low Voltage 1 A LDO
June, 2016 ??Rev. 0
logo
Advanced Monolithic Sys...
AMS3108 AMS-AMS3108 Datasheet
490Kb / 10P
   Micropower 700mA Low Noise Fast Transient Response LDO
logo
Linear Technology
LT1963A_1208 LINER-LT1963A_1208 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963EFE-3.3 LINEAR-LT1963EFE-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1764 LINER-LT1764_1 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com