Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN3111E Arkusz danych(PDF) 6 Page - Fairchild Semiconductor

Numer części FAN3111E
Szczegółowy opis  Dual-2A, High-Speed, Low-Side Gate Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3111E Arkusz danych(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN3111E Datasheet HTML 2Page - Fairchild Semiconductor FAN3111E Datasheet HTML 3Page - Fairchild Semiconductor FAN3111E Datasheet HTML 4Page - Fairchild Semiconductor FAN3111E Datasheet HTML 5Page - Fairchild Semiconductor FAN3111E Datasheet HTML 6Page - Fairchild Semiconductor FAN3111E Datasheet HTML 7Page - Fairchild Semiconductor FAN3111E Datasheet HTML 8Page - Fairchild Semiconductor FAN3111E Datasheet HTML 9Page - Fairchild Semiconductor FAN3111E Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3216 / FAN3217 • Rev. 1.0.1
6
Electrical Characteristics
Unless otherwise noted, VDD=12V, TJ=-40°C to +125°C. Currents are defined as positive into the device and negative
out of the device.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Supply
VDD
Operating Range
4.5
18.0
V
IDD
Supply Current, Inputs Not Connected
0.75
1.20
mA
VON
Turn-On Voltage
INA = VDD, INB = 0V
3.45
3.90
4.35
V
VOFF
Turn-Off Voltage
INA = VDD, INB = 0V
3.25
3.70
4.15
V
Inputs
VIL_T
INx Logic Low Threshold
0.8
1.2
V
VIH_T
INx Logic High Threshold
1.6
2.0
V
IIN+
Non-Inverting Input
IN from 0 to VDD
-1.5
175.0
µA
IIN-
Inverting Input
IN from 0 to VDD
-175.0
1.5
µA
VHYS_T
TTL Logic Hysteresis Voltage
0.2
0.4
0.8
V
Output
ISINK
OUT Current, Mid-Voltage, Sinking
(8)
OUTx at VDD/2,
CLOAD=0.22µF, f=1kHz
2.4
A
ISOURCE
OUT Current, Mid-Voltage, Sourcing
(8)
OUTx at VDD/2,
CLOAD=0.1µF, f=1kHz
-1.6
A
IPK_SINK
OUT Current, Peak, Sinking
(8)
CLOAD=0.1µF, f=1kHz
3
A
IPK_SOURCE OUT Current, Peak, Sourcing
(8)
CLOAD=0.1µF, f=1kHz
-3
A
tRISE
Output Rise Time
(9)
CLOAD=1000pF
12
22
ns
tFALL
Output Fall Time
(9)
CLOAD=1000pF
9
17
ns
tD1, tD2
Output Propagation Delay, TTL Inputs
(9)
0 - 5VIN, 1V/ns Slew Rate
10
19
34
ns
Propagation Matching Between Channels
INA=INB, OUTA and OUTB
at 50% Point
1
2
ns
IRVS
Output Reverse Current Withstand
(8)
500
mA
Notes:
8.
Not tested in production.
9.
See Timing Diagrams of Figure 6 and Figure 7.
Figure 6. Non-Inverting Timing Diagram
Figure 7. Inverting Timing Diagram


Podobny numer części - FAN3111E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN3111E FAIRCHILD-FAN3111E Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3111E FAIRCHILD-FAN3111E Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3111E FAIRCHILD-FAN3111E Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3111E FAIRCHILD-FAN3111E Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3111E FAIRCHILD-FAN3111E Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
More results

Podobny opis - FAN3111E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3229 FAIRCHILD-FAN3229_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216_12 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3228 FAIRCHILD-FAN3228_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_12 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com