Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN3228T Arkusz danych(PDF) 9 Page - Fairchild Semiconductor

Numer części FAN3228T
Szczegółowy opis  Single 1A High-Speed, Low-Side Gate Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3228T Arkusz danych(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN3228T Datasheet HTML 5Page - Fairchild Semiconductor FAN3228T Datasheet HTML 6Page - Fairchild Semiconductor FAN3228T Datasheet HTML 7Page - Fairchild Semiconductor FAN3228T Datasheet HTML 8Page - Fairchild Semiconductor FAN3228T Datasheet HTML 9Page - Fairchild Semiconductor FAN3228T Datasheet HTML 10Page - Fairchild Semiconductor FAN3228T Datasheet HTML 11Page - Fairchild Semiconductor FAN3228T Datasheet HTML 12Page - Fairchild Semiconductor FAN3228T Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3111 • Rev. 1.0.2
9
Typical Performance Characteristics
Typical characteristics are provided at 25°C, VDD = 12V, and VXREF = 3.3V unless otherwise noted.
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
125
Tem perature (°C)
FAN3111E
V
IL
V
IH
0
10
20
30
40
50
60
70
4
6
8
1012
1416
18
Supply Voltage (V)
IN rise to OUT fall
IN fall to OUT
FAN3111C Inverting Input
Figure 19.
Input Threshold vs. Temperature
Figure 20.
Propagation Delay vs. Supply Voltage
0
10
20
30
40
50
60
70
80
4
6
8
10
12141618
Supply Voltage (V)
FAN3111C Non-Inverting Input
IN Fall to OUT Fall
IN Rise to OUTRise
0
10
20
30
40
50
60
70
80
90
4
6
8
10
1214
1618
Supply Voltage (V)
FAN3111E
IN Fall to OUT Fall
IN Rise to OUT Rise
Figure 21.
Propagation Delay vs. Supply Voltage
Figure 22.
Propagation Delay vs. Supply Voltage
10
12
14
16
18
20
22
24
-50
-25
0
25
50
75
100
125
Tem perature (°C)
IN Fall to OUT Fall
IN Rise to OUT Rise
FAN3111C Non-Inverting Input
8
10
12
14
16
18
20
-50
-25
0
25
50
75
100
125
Tem perature (°C)
IN Fall to OUT Fall
IN Rise to OUT Rise
FAN3111E
Figure 23.
Propagation Delay vs. Temperature
Figure 24.
Propagation Delays vs. Temperature


Podobny numer części - FAN3228T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN3228T FAIRCHILD-FAN3228T Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3228T FAIRCHILD-FAN3228T Datasheet
1Mb / 22P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3228T FAIRCHILD-FAN3228T Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3228T FAIRCHILD-FAN3228T Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3228T FAIRCHILD-FAN3228T Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results

Podobny opis - FAN3228T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111 Datasheet
883Kb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_09 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_08 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27518 TI1-UCC27518 Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com