Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN4800AS Arkusz danych(PDF) 11 Page - Fairchild Semiconductor

Numer części FAN4800AS
Szczegółowy opis  PFC/PWM Controller Combination
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4800AS Arkusz danych(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN4800AS Datasheet HTML 7Page - Fairchild Semiconductor FAN4800AS Datasheet HTML 8Page - Fairchild Semiconductor FAN4800AS Datasheet HTML 9Page - Fairchild Semiconductor FAN4800AS Datasheet HTML 10Page - Fairchild Semiconductor FAN4800AS Datasheet HTML 11Page - Fairchild Semiconductor FAN4800AS Datasheet HTML 12Page - Fairchild Semiconductor FAN4800AS Datasheet HTML 13Page - Fairchild Semiconductor FAN4800AS Datasheet HTML 14Page - Fairchild Semiconductor FAN4800AS Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4800AS/CS/01S/02S • Rev. 1.0.1
11
Typical Characteristics
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
-40℃ -25℃ -10℃
5℃
20℃
35℃
50℃
65℃
80℃
95℃ 110℃ 125℃
27.86
27.88
27.90
27.92
27.94
27.96
27.98
28.00
28.02
28.04
-40℃ -25℃ -10℃
5℃
20℃
35℃
50℃
65℃
80℃
95℃ 110℃ 125℃
Figure 8.
IDD-ST vs. Temperature
Figure 9.
VDD-OVP vs. Temperature
64.2
64.3
64.4
64.5
64.6
64.7
64.8
64.9
65.0
-40℃ -25℃ -10℃
5℃
20℃
35℃
50℃
65℃
80℃
95℃ 110℃ 125℃
7.475
7.480
7.485
7.490
7.495
7.500
7.505
7.510
7.515
7.520
-40℃ -25℃ -10℃
5℃
20℃
35℃
50℃
65℃
80℃
95℃ 110℃ 125℃
Figure 10.
fOSC vs. Temperature
Figure 11.
VVREF vs. Temperature
2.730
2.732
2.734
2.736
2.738
2.740
2.742
-40℃ -25℃ -10℃
5℃
20℃
35℃
50℃
65℃
80℃
95℃ 110℃ 125℃
2.488
2.490
2.492
2.494
2.496
2.498
2.500
2.502
-40℃ -25℃ -10℃
5℃
20℃
35℃
50℃
65℃
80℃
95℃ 110℃ 125℃
Figure 12.
VPFC-OVP vs. Temperature
Figure 13.
VREF vs. Temperature
71
72
72
73
73
74
-40℃ -25℃ -10℃
5℃
20℃
35℃
50℃
65℃
80℃
95℃ 110℃ 125℃
78
80
82
84
86
88
90
92
94
-40℃ -25℃ -10℃
5℃
20℃
35℃
50℃
65℃
80℃
95℃
110℃ 125℃
Figure 14.
GmV vs. Temperature
Figure 15.
GmI vs. Temperature
-1.183
-1.182
-1.181
-1.180
-1.179
-1.178
-1.177
-40
-25
-10
5
20
35
50
65
80
95
110
125
1.002
1.003
1.004
1.005
1.006
1.007
1.008
1.009
1.010
-40℃ -25℃ -10℃
5℃
20℃
35℃
50℃
65℃
80℃
95℃ 110℃ 125℃
Figure 16.
VPFC-ILIMIT vs. Temperature
Figure 17.
VPWM-ILIMIT vs. Temperature


Podobny numer części - FAN4800AS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AMY FAIRCHILD-FAN4800AMY Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN4800AMY FAIRCHILD-FAN4800AMY Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800ANY FAIRCHILD-FAN4800ANY Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
More results

Podobny opis - FAN4800AS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC18500 TI-UCC18500 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com