Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN3226C Arkusz danych(PDF) 11 Page - Fairchild Semiconductor

Numer części FAN3226C
Szczegółowy opis  2A Low-Voltage PMOS-NMOS Bridge Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3226C Arkusz danych(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN3226C Datasheet HTML 7Page - Fairchild Semiconductor FAN3226C Datasheet HTML 8Page - Fairchild Semiconductor FAN3226C Datasheet HTML 9Page - Fairchild Semiconductor FAN3226C Datasheet HTML 10Page - Fairchild Semiconductor FAN3226C Datasheet HTML 11Page - Fairchild Semiconductor FAN3226C Datasheet HTML 12Page - Fairchild Semiconductor FAN3226C Datasheet HTML 13Page - Fairchild Semiconductor FAN3226C Datasheet HTML 14Page - Fairchild Semiconductor FAN3226C Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3268 • Rev. 1.0.1
11
Applications Information
Input Thresholds
The FAN3268 driver has TTL input thresholds and
provides buffer and level translation functions from logic
inputs. The input thresholds meet industry-standard
TTL-logic thresholds, independent of the VDD voltage,
and there is a hysteresis voltage of approximately 0.4V.
These levels permit the inputs to be driven from a range
of input logic signal levels for which a voltage over 2V is
considered logic high. The driving signal for the TTL
inputs should have fast rising and falling edges with a
slew rate of 6V/µs or faster, so a rise time from 0 to 3.3V
should be 550ns or less. With reduced slew rate, circuit
noise could cause the driver input voltage to exceed the
hysteresis voltage and retrigger the driver input, causing
erratic operation.
Static Supply Current
In the IDD (static) typical performance characteristics
(see Figure 6)
, the curve is produced with all inputs /
enables floating (OUT is low) and indicates the lowest
static IDD current for the tested configuration. For other
states, additional current flows through the 100k
resistors on the inputs and outputs shown in the block
diagram (see Figure 3). In these cases, the actual static
IDD current is the value obtained from the curves plus
this additional current.
MillerDrive™ Gate Drive Technology
FAN3268 gate drivers incorporate the MillerDrive™
architecture shown in 0. For the output stage, a
combination of bipolar and MOS devices provide large
currents over a wide range of supply voltage and
temperature variations. The bipolar devices carry the
bulk of the current as OUT swings between one and two
thirds VDD and the MOS devices pull the output to the
high or low rail.
The purpose of the MillerDrive™ architecture is to speed
up switching by providing high current during the Miller
plateau region when the gate-drain capacitance of the
MOSFET is being charged or discharged as part of the
turn-on / turn-off process.
For applications with zero voltage switching during the
MOSFET turn-on or turn-off interval, the driver supplies
high peak current for fast switching even though the
Miller plateau is not present. This situation often occurs
in synchronous rectifier applications because the body
diode is generally conducting before the MOSFET is
switched on.
The output pin slew rate is determined by VDD voltage
and the load on the output. It is not user adjustable, but
a series resistor can be added if a slower rise or fall time
at the MOSFET gate is needed.
Figure 27. MillerDrive™ Output Architecture
Under-Voltage Lockout
Internal circuitry provides an under-voltage lockout
function that prevents the output switching devices from
operating if the VDD supply voltage is below the
operating level. When VDD is rising, but below the 3.9V
operational level, internal 100k
 resistors bias the non-
inverting output low and the inverting output to VDD to
keep the external MOSFETs off during startup intervals
when logic control signals may not be present. After the
part is active, the supply voltage must drop 0.2V before
the part shuts down. This hysteresis helps prevent
chatter when low VDD supply voltages have noise from
the power switching.
VDD Bypass Capacitor Guidelines
To enable this IC to turn a device on quickly, a local
high-frequency bypass capacitor CBYP with low ESR and
ESL should be connected between the VDD and GND
pins with minimal trace length. This capacitor is in
addition to bulk electrolytic capacitance of 10µF to 47µF
commonly found on driver and controller bias circuits.
A typical criterion for choosing the value of CBYP is to
keep the ripple voltage on the VDD supply to ≤5%. This is
often achieved with a value ≥20 times the equivalent
load capacitance CEQV, defined here as QGATE/VDD.
Ceramic capacitors of 0.1µF to 1µF or larger are
common choices, as are dielectrics, such as X5R and
X7R, with good temperature characteristics and high
pulse current capability.
If circuit noise affects normal operation, the value of
CBYP may be increased to 50-100 times the CEQV or CBYP
may be split into two capacitors. One should be a larger
value, based on equivalent load capacitance, and the
other a smaller value, such as 1-10nF mounted closest
to the VDD and GND pins to carry the higher frequency
components of the current pulses. The bypass capacitor
must provide the pulsed current from both of the driver
channels
and,
if
the
drivers
are
switching
simultaneously, the combined peak current sourced
from the CBYP would be twice as large as when a single
channel is switching.


Podobny numer części - FAN3226C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN3226C FAIRCHILD-FAN3226C Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3226C FAIRCHILD-FAN3226C Datasheet
1Mb / 22P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3226C FAIRCHILD-FAN3226C Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3226C FAIRCHILD-FAN3226C Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3226C FAIRCHILD-FAN3226C Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
More results

Podobny opis - FAN3226C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FAN3268 ONSEMI-FAN3268 Datasheet
1Mb / 17P
   2A Low-Voltage PMOS-NMOS Bridge Driver
September-2017, Rev. 2
logo
Fairchild Semiconductor
FAN3268 FAIRCHILD-FAN3268 Datasheet
815Kb / 16P
   2A Low-Voltage PMOS-NMOS Bridge Driver
FAN3278 FAIRCHILD-FAN3278 Datasheet
471Kb / 15P
   30V PMOS-NMOS Bridge Driver
logo
ON Semiconductor
FAN3278 ONSEMI-FAN3278 Datasheet
769Kb / 17P
   30V PMOS-NMOS Bridge Driver
July 2012 Rev. 1.0.1
logo
Intersil Corporation
ISL80112IRAJZ INTERSIL-ISL80112IRAJZ Datasheet
756Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Renesas Technology Corp
ISL80111 RENESAS-ISL80111 Datasheet
972Kb / 16P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Intersil Corporation
ISL80111IRAJZ INTERSIL-ISL80111IRAJZ Datasheet
761Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
November 1, 2013
logo
Cherry Semiconductor Co...
CS3720 CHERRY-CS3720 Datasheet
159Kb / 4P
   2A H-Bridge Driver
logo
ON Semiconductor
CS3720 ONSEMI-CS3720 Datasheet
70Kb / 4P
   2A H-Bridge Driver
December, 2001 - Rev. 5
logo
Microsemi Corporation
SG1635 MICROSEMI-SG1635 Datasheet
49Kb / 5P
   2A, HALF-BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com