Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN6208MY Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części FAN6208MY
Szczegółowy opis  Secondary-Side Synchronous Rectifier Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6208MY Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  FAN6208MY Datasheet HTML 1Page - Fairchild Semiconductor FAN6208MY Datasheet HTML 2Page - Fairchild Semiconductor FAN6208MY Datasheet HTML 3Page - Fairchild Semiconductor FAN6208MY Datasheet HTML 4Page - Fairchild Semiconductor FAN6208MY Datasheet HTML 5Page - Fairchild Semiconductor FAN6208MY Datasheet HTML 6Page - Fairchild Semiconductor FAN6208MY Datasheet HTML 7Page - Fairchild Semiconductor FAN6208MY Datasheet HTML 8Page - Fairchild Semiconductor FAN6208MY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6208 • Rev. 1.0.1
5
Electrical Characteristics
VDD=20V, TA=25°C, unless otherwise specified. All voltages are with respect to GND unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VDD Section
VDD
DC Supply Voltage
VTH-OFF
28
V
IDD-OP1
Operating Current
VDD=12V, DETL=50KHz,
CL=6nF, RRP=24K 
7.0
8.5
10.0
mA
IDD-OP2
Operating Current
VDD=12V, DETL=100KHz
2.4
3.2
4.0
mA
IDD-ST
Startup Current
VDD=8V
180
300
500
μA
VTH-ON1 VTH-ON2 On Threshold Voltage
9.3
9.7
10.1
V
VTH-OFF1
VTH-OFF2
Off Threshold Voltage
8.3
8.8
9.3
V
VDD-OVP1
VDD-OVP2
VCC Over-Voltage
Protection
26
27
28
V
VDD-OVP-HYS1
VDD-OVP-HYS2
VCC Over-Voltage
Protection Hysteresis
1.3
1.8
2.3
V
tOVP1,tOVP2
VCC Over-Voltage-
Protection Debounce
30
60
100
μs
DETL Section
VDETL1
VDETL2
Threshold Voltage for LOW
Detection of DETL
VDD=12V, DETL=50KHz,
CL=6nF, RRP=24KΩ
1.7
2.0
2.3
V
tSR-ON-DETL1
tSR-ON-DETL2
Delay from DETL LOW to
SR Gate Turn-On
tDB+ tPD+ tR
300
350
400
ns
VDETL-FLOATING1
VDETL-FLOATING2
DETL Floating Voltage
VDD=12V, DETL Pin
Floating
4.5
V
IDETL-SOURCE1
IDETL-SOURCE2
DETL Source Current
VDETL1=0V
40
50
60
μA
tDETL_Green_LF1
tDETL_Green_LF2
DETL LOW Time
Threshold for Green Mode
at Low-Frequency
Operation
VRP < 1.5V
3.50
3.75
4.00
μs
tDET(L)_Green_HF1
tDET(L)_Green_HF2
DETL LOW Time
Threshold for Green Mode
at High-Frequency
Operation
VRP > 1.5V
1.75
1.90
2.05
μs
Thermal Shutdown
TSHUTDOWN
Shutdown Temperature
Temperature Rising,
VDD=15V
140
°C
Hysteresis
20
TSTARTUP
Startup Temperature
Before Startup
120
Continued on the following page…


Podobny numer części - FAN6208MY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN6208MY FAIRCHILD-FAN6208MY_12 Datasheet
1Mb / 18P
   Secondary-Side Synchronous Rectifier Controller for LLC Topology
More results

Podobny opis - FAN6208MY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Grenergy Opto, lnc.
GR8387 GRENERGY-GR8387 Datasheet
601Kb / 11P
   Secondary Side Synchronous Rectifier Controller
logo
ON Semiconductor
FAN6240 ONSEMI-FAN6240 Datasheet
521Kb / 10P
   Secondary-Side Synchronous Rectifier Controller Flyback Converters
July 2016 Rev. 1.0
logo
Diodes Incorporated
APR346 DIODES-APR346 Datasheet
380Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
APR347 DIODES-APR347 Datasheet
439Kb / 9P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
logo
ON Semiconductor
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
   Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
logo
Diodes Incorporated
APR343 DIODES-APR343 Datasheet
473Kb / 12P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
logo
ON Semiconductor
NCP4302 ONSEMI-NCP4302 Datasheet
150Kb / 16P
   Secondary Side Synchronous Flyback Controller
February, 2008 - Rev. 2
logo
Linear Technology
LTC3726 LINER-LTC3726 Datasheet
225Kb / 16P
   Secondary-Side Synchronous Forward Controller
logo
Diodes Incorporated
APR345 DIODES-APR345 Datasheet
429Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
logo
Linear Technology
LTC3726 LINER-LTC3726_15 Datasheet
214Kb / 16P
   Secondary-Side Synchronous Forward Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com