Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN3224T Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FAN3224T
Szczegółowy opis  Dual 4A High-Speed, Low-Side Gate Drivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3224T Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FAN3224T Datasheet HTML 1Page - Fairchild Semiconductor FAN3224T Datasheet HTML 2Page - Fairchild Semiconductor FAN3224T Datasheet HTML 3Page - Fairchild Semiconductor FAN3224T Datasheet HTML 4Page - Fairchild Semiconductor FAN3224T Datasheet HTML 5Page - Fairchild Semiconductor FAN3224T Datasheet HTML 6Page - Fairchild Semiconductor FAN3224T Datasheet HTML 7Page - Fairchild Semiconductor FAN3224T Datasheet HTML 8Page - Fairchild Semiconductor FAN3224T Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
January 2011
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3223 / FAN3224 / FAN3225 • Rev. 1.0.6
FAN3223 / FAN3224 / FAN3225
Dual 4A High-Speed, Low-Side Gate Drivers
Features
Industry-Standard Pinouts
4.5 to 18V Operating Range
5A Peak Sink/Source at VDD = 12V
4.3A Sink / 2.8A Source at VOUT = 6V
Choice of TTL or CMOS Input Thresholds
Three Versions of Dual Independent Drivers:
-
Dual Inverting + Enable (FAN3223)
-
Dual Non-Inverting + Enable (FAN3224)
-
Dual-Inputs (FAN3225)
Internal Resistors Turn Driver Off If No Inputs
MillerDrive™ Technology
12ns / 9ns Typical Rise/Fall Times with 2.2nF Load
Typical Propagation Delay Under 20ns Matched
within 1ns to the Other Channel
Double Current Capability by Paralleling Channels
8-Lead 3x3mm MLP or 8-Lead SOIC Package
Rated from –40°C to +125°C Ambient
Applications
Switch-Mode Power Supplies
High-Efficiency MOSFET Switching
Synchronous Rectifier Circuits
DC-to-DC Converters
Motor Control
Description
The FAN3223-25 family of dual 4A gate drivers is
designed
to
drive
N-channel
enhancement-mode
MOSFETs in low-side switching applications by
providing high peak current pulses during the short
switching intervals. The driver is available with either
TTL or CMOS input thresholds. Internal circuitry
provides an under-voltage lockout function by holding
the output LOW until the supply voltage is within the
operating range. In addition, the drivers feature matched
internal propagation delays between A and B channels
for applications requiring dual gate drives with critical
timing, such as synchronous rectifiers. This also
enables connecting two drivers in parallel to effectively
double the current capability driving a single MOSFET.
The
FAN322X
drivers
incorporate
MillerDrive™
architecture for the final output stage. This bipolar-
MOSFET combination provides high current during the
Miller plateau stage of the MOSFET turn-on / turn-off
process to minimize switching loss, while providing rail-
to-rail voltage swing and reverse current capability.
The FAN3223 offers two inverting drivers and the
FAN3224 offers two non-inverting drivers. Each device
has dual independent enable pins that default to ON if
not connected. In the FAN3225, each channel has dual
inputs of opposite polarity, which allows configuration as
non-inverting or inverting with an optional enable
function using the second input. If one or both inputs are
left unconnected, internal resistors bias the inputs such
that the output is pulled LOW to hold the power
MOSFET OFF.
Related Resources
AN-6069:
Application
Review
and
Comparative
Evaluation of Low-Side Gate Drivers
FAN3223
FAN3224
FAN3225
Figure 1. Pin Configurations


Podobny numer części - FAN3224T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN3224T FAIRCHILD-FAN3224T Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3224T FAIRCHILD-FAN3224T Datasheet
1Mb / 22P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3224T FAIRCHILD-FAN3224T Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3224T FAIRCHILD-FAN3224T Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3224T FAIRCHILD-FAN3224T Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
More results

Podobny opis - FAN3224T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN3223 FAIRCHILD-FAN3223_10 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_12 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3228 FAIRCHILD-FAN3228_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_12 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216_12 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com