Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN6921ML Arkusz danych(PDF) 10 Page - Fairchild Semiconductor

Numer części FAN6921ML
Szczegółowy opis  Integrated Critical Mode PFC/Quasi-Resonant Current Mode PWM Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6921ML Arkusz danych(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN6921ML Datasheet HTML 6Page - Fairchild Semiconductor FAN6921ML Datasheet HTML 7Page - Fairchild Semiconductor FAN6921ML Datasheet HTML 8Page - Fairchild Semiconductor FAN6921ML Datasheet HTML 9Page - Fairchild Semiconductor FAN6921ML Datasheet HTML 10Page - Fairchild Semiconductor FAN6921ML Datasheet HTML 11Page - Fairchild Semiconductor FAN6921ML Datasheet HTML 12Page - Fairchild Semiconductor FAN6921ML Datasheet HTML 13Page - Fairchild Semiconductor FAN6921ML Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6921ML • Rev. 1.0.1
10
Electrical Characteristics (Continued)
VDD=15V, TA=-40~105°C (TA=TJ), unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
DET Pin OVP and Valley Detection Section
VDET-OVP
Comparator Reference Voltage
2.45
2.50
2.55
V
Av
Open-Loop Gain
(4)
60
dB
Bw
Gain Bandwidth
(4)
1
MHz
tDET-OVP
Output OVP(Latched) Debounce Time
100
150
200
µs
IDET-SOURCE
Maximum Source Current
VDET=0V
1
mA
VDET-HIGH
Upper Clamp Voltage
IDET=-1mA
5
V
VDET-LOW
Lower Clamp Voltage
IDET=1mA
0.5
0.7
0.9
V
tVALLEY-DELAY Delay from Valley Signal Detected to Output Turn-On
(4)
150
200
250
ns
tOFF-BNK
Leading-Edge Blanking Time for DET-OVP (2.5V) and
Valley Signal when PWM MOS Turns Off
(4)
3
4
5
µs
tTIME-OUT
Time-Out After tOFF-MIN
8
9
10
µs
PWM Oscillator Section
tON-MAX-PWM
Maximum On Time
38
45
52
µs
tOFF-MIN
Minimum Off Time
VFB ≥ VN
7
8
9
µs
VFB=VG
32
37
42
µs
VN
Beginning of Green-On Mode at FB Voltage Level
1.95
2.10
2.25
V
VG
Beginning of Green-Off Mode at FB Voltage Level
1.00
1.15
1.30
V
ΔVG
Hysteresis for Beginning of Green-Off Mode at FB
Voltage Level
0.1
V
VCTL-PFC-OFF
Threshold Voltage on FB to
Disable PFC
RANGE Pin Internally
Open
1.70
1.75
1.80
V
Threshold Voltage on FB to
Disable PFC
RANGE Pin Internally
Ground
1.65
1.70
1.75
VCTL-PFC-ON
Hysteresis Voltage on FB to
Enable PFC
RANGE Pin Internally
Open
1.95
2.00
2.05
V
Hysteresis Voltage on FB to
Enable PFC
RANGE Pin Internally
Ground
1.75
1.80
1.85
tPFC-OFF
PFC OFF Debounce Time to
Disable PFC
PFC Status from ON
to OFF
400
500
600
ms
tINHIB-PFC-OFF Inhibit Time During tPFC-OFF
tPFC-OFF
30
34
38
µs
tPFC-ON
PFC ON Debounce Time to
Enable PFC
(4)
PFC Status from OFF
to ON
150
µs
tSTARTER-PWM Start Timer (Time-Out Timer)
VFB < VG
2.0
2.5
3.0
ms
VFB > VFB-OLP
25.5
32.5
39.5
µs
Continued on the following page…


Podobny numer części - FAN6921ML

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN6921MR FAIRCHILD-FAN6921MR Datasheet
1Mb / 24P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
More results

Podobny opis - FAN6921ML

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
AN-6921 FAIRCHILD-AN-6921 Datasheet
618Kb / 16P
   Integrated Critical Mode PFC / Quasi-Resonant Current Mode PWM Controller
logo
ON Semiconductor
FAN6921BMR ONSEMI-FAN6921BMR Datasheet
719Kb / 20P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
August, 2020 ??Rev. 0
logo
Fairchild Semiconductor
FAN6921MR FAIRCHILD-FAN6921MR Datasheet
1Mb / 24P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
FAN6920MR FAIRCHILD-FAN6920MR Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant Current-Mode PWM Controller
AN-6920MR FAIRCHILD-AN-6920MR Datasheet
683Kb / 17P
   Integrated Critical-Mode PFC / Quasi-Resonant Current-Mode PWM Controller FAN6920
logo
ON Semiconductor
FL7921R ONSEMI-FL7921R Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant Current-Mode PWM Lighting Controller
Rev. 1.1
logo
Holtek Semiconductor In...
HT7L5820 HOLTEK-HT7L5820 Datasheet
2Mb / 14P
   Integrated PFC and Quasi-Resonant Current Mode PWM Controller
logo
Fairchild Semiconductor
FAN6754BMRMY FAIRCHILD-FAN6754BMRMY Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant
logo
ON Semiconductor
FAN6300A ONSEMI-FAN6300A Datasheet
789Kb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
January 2014 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN6300A FAIRCHILD-FAN6300A Datasheet
1Mb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com