Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA78L05AI Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części KA78L05AI
Szczegółowy opis  3-Terminal 0.1A 5V Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78L05AI Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  KA78L05AI Datasheet HTML 1Page - Fairchild Semiconductor KA78L05AI Datasheet HTML 2Page - Fairchild Semiconductor KA78L05AI Datasheet HTML 3Page - Fairchild Semiconductor KA78L05AI Datasheet HTML 4Page - Fairchild Semiconductor KA78L05AI Datasheet HTML 5Page - Fairchild Semiconductor KA78L05AI Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KA78L05AI
3
Typical Application
’( )’ : 8SOP Type
Note:
1. Bypass Capacitors are recommend for optimum stability and transient response and should be located as close as possible
to the regulator
KA78LXXA
NOTE 1
INPUT
OUTPUT
1(1)
2(2,3,6,7)
3(8)
C1
0.33 μF
NOTE 2
0. 1
NOTE 2
μF
KA78L05AI
NOTE1
NOTE1


Podobny numer części - KA78L05AI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA78L05A FAIRCHILD-KA78L05A Datasheet
68Kb / 16P
   3-terminal 0.1A positive voltage regulator
KA78L05AA FAIRCHILD-KA78L05AA Datasheet
78Kb / 16P
   3-Terminal 0.1A Positive Voltage Regulator
KA78L05AA FAIRCHILD-KA78L05AA Datasheet
102Kb / 17P
   3-Terminal 0.1A Positive Voltage Regulator Short Circuit Current Limiting
KA78L05AA FAIRCHILD-KA78L05AA Datasheet
102Kb / 17P
   3-Terminal 0.1A Positive Voltage Regulator
KA78L05AAZ FAIRCHILD-KA78L05AAZ Datasheet
78Kb / 16P
   3-Terminal 0.1A Positive Voltage Regulator
More results

Podobny opis - KA78L05AI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
MC78L05AB FAIRCHILD-MC78L05AB_12 Datasheet
51Kb / 6P
   3-Terminal 0.1A 5V Positive Voltage Regulator
MC78L05AB FAIRCHILD-MC78L05AB Datasheet
38Kb / 6P
   3-Terminal 0.1A 5V Positive Voltage Regulator
MC78LXXA FAIRCHILD-MC78LXXA_10 Datasheet
86Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA_10 Datasheet
102Kb / 17P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_15 Datasheet
278Kb / 8P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
HTC Korea TAEJIN Techno...
LM78LXX HTC-LM78LXX_10 Datasheet
252Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
68Kb / 16P
   3-terminal 0.1A positive voltage regulator
MC78LXXA FAIRCHILD-MC78LXXA Datasheet
73Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
82Kb / 18P
   3-Terminal 0.1A Positive Voltage Regulator
MC78LXXA FAIRCHILD-MC78LXXA_04 Datasheet
72Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com