Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA431 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części KA431
Szczegółowy opis  Programmable Shunt Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA431 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  KA431 Datasheet HTML 1Page - Fairchild Semiconductor KA431 Datasheet HTML 2Page - Fairchild Semiconductor KA431 Datasheet HTML 3Page - Fairchild Semiconductor KA431 Datasheet HTML 4Page - Fairchild Semiconductor KA431 Datasheet HTML 5Page - Fairchild Semiconductor KA431 Datasheet HTML 6Page - Fairchild Semiconductor KA431 Datasheet HTML 7Page - Fairchild Semiconductor KA431 Datasheet HTML 8Page - Fairchild Semiconductor KA431 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.9
Features
• Programmable Output Voltage to 36 Volts
• Low Dynamic Output Impedance 0.2Ω Typical
• Sink Current Capability of 1.0 to 100mA
• Equivalent Full-Range Temperature Coefficient of
50ppm/
°C Typical
• Temperature Compensated for Operation Over Full Rated
Operating Temperature Range
• Low Output Noise Voltage
• Fast Turn-on Response
Description
The KA431/KA431A/KA431L are three-terminal adjustable
regulator series with a guaranteed thermal stability over
applicable temperature ranges. The output voltage may be
set to any value between VREF (approximately 2.5 volts)
and 36 volts with two external resistors These devices have a
typical dynamic output impedance of 0.2Ω. Active output
circuitry provides a very sharp turn on characteristic, making
these devices excellent replacement for zener diodes in many
applications.
TO-92
8-DIP
8-SOP
1. Ref 2. Anode 3. Cathode
1
1
1
1.Cathode 2.3.6.7.Anode
4.5.NC 8.Ref
1.Cathode 2.3.4.5.7.NC
6.Anode 8.Ref
Internal Block Diagram
2.5 Vref
CATHODE
ANODE
REFERENCE
ANODE(A)
REFERENCE (R)
CATHODE (K)
+
-
KA431/KA431A/KA431L
Programmable Shunt Regulator


Podobny numer części - KA431

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
   Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
1Mb / 13P
   Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
153Kb / 12P
   Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
230Kb / 11P
   Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
230Kb / 11P
   Programmable Shunt Regulator
More results

Podobny opis - KA431

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
   Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
   Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
   Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
   Programmable Shunt Regulator
March 2015 Rev. 6.7
logo
Fairchild Semiconductor
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
   Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
   Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
   Programmable Shunt Regulator
LM431SA FAIRCHILD-LM431SA Datasheet
88Kb / 10P
   Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
   Programmable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com