Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPI-235-19 Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części SPI-235-19
Szczegółowy opis  Ultraminiature photointerrupter (single-transistor type)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SPI-235-19 Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  SPI-235-19 Datasheet HTML 1Page - Sanyo Semicon Device SPI-235-19 Datasheet HTML 2Page - Sanyo Semicon Device SPI-235-19 Datasheet HTML 3Page - Sanyo Semicon Device SPI-235-19 Datasheet HTML 4Page - Sanyo Semicon Device SPI-235-19 Datasheet HTML 5Page - Sanyo Semicon Device SPI-235-19 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPI-235-19
No.6024 1/6
Features
• GaAs Infrared LED plus Single Phototransistor
• Photo-Interrupter
• Contact type
• Compact type : H3.25 ! L5.0 ! W4.5mm
Absolute Maximum Ratings at Ta=25
°C, 65%RH
Parameter
Symbol
Rating
Unit
Input LED
Forward Current
IF
50
mA
Reverse Voltage
VR
5V
Power Dissipation
PD
70
mW
Output
Collector-Emitter Voltage
VCEO
20
V
Phototransistor
Emitter-Collector Voltage
VECO
5V
Collector Curren
IC
20
mA
Power Dissipation
PC
70
mW
Operating Temperature
Topr
--20 to +80
°C
Storage Temperature
Tstg
--30 to +85
°C
Soldering Temperature *1
Tsol
260
°C
*1 Soldering conditions : time : max. 3sec; clearance : min. 1mm from lower stay
Electro-Optical Characteristics at Ta=25
°C, 65%RH
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input
Forward Voltage
VF
IF=10mA
1.0
1.15
1.4
V
Reverse Current
IR
VR=5V
--
--
10
µA
Output
Dark Current
ICEO
IF=0mA, VCE=10V
--
10
200
nA
Coupled
Collector Output Current
IC
IF=10mA,VCE=5V*1
200
--
1000
µA
Collector Emitter
VCE(sat)
IF=10mA, IC=100µA
--
--
0.5
V
Saturation Voltage
Rise Time
tr
VCC=5V, RL=100Ω
--
7
--
µs
Fall Time
tf
IC=1mA
--
7
--
µs
*1 Measurement Circuit of Collector Current
*2
Table of Classification of Collector Output
Class
A
B
C
Ic (
µA)
1000 to 450
650 to 300
450 to 200
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : EN6024
SPI-235-19
GaAs Infrared LED
Ultraminiature photointerrupter
(single-transistor type)
72199 GI, (MI)
IF=10mA
Ic
VCE=5V
A


Podobny numer części - SPI-235-19

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sparkle Power Inc.
SPI-230G SPI-SPI-230G Datasheet
443Kb / 2P
   Complied with AT standard
logo
Sanyo Semicon Device
SPI-236-17 SANYO-SPI-236-17 Datasheet
37Kb / 6P
   Ultraminiature photointerrupter (single-transistor type)
SPI-238-18 SANYO-SPI-238-18 Datasheet
40Kb / 6P
   Ultraminiature photointerrupter (single-transistor type)
More results

Podobny opis - SPI-235-19

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
SPI-238-18 SANYO-SPI-238-18 Datasheet
40Kb / 6P
   Ultraminiature photointerrupter (single-transistor type)
SPI-236-17 SANYO-SPI-236-17 Datasheet
37Kb / 6P
   Ultraminiature photointerrupter (single-transistor type)
logo
Rohm
RPI-125 ROHM-RPI-125 Datasheet
67Kb / 2P
   Photointerrupter, Ultraminiature type
RPI-122 ROHM-RPI-122_05 Datasheet
80Kb / 2P
   Photointerrupter, Ultraminiature type
RP-SMA ROHM-RP-SMA Datasheet
54Kb / 2P
   Photointerrupter, Ultraminiature type
RPI-124 ROHM-RPI-124_05 Datasheet
73Kb / 2P
   Photointerrupter, Ultraminiature type
RPI-124A ROHM-RPI-124A Datasheet
54Kb / 2P
   Photointerrupter, Ultraminiature type
RPI-124F ROHM-RPI-124F Datasheet
54Kb / 2P
   Photointerrupter, Ultraminiature type
RPI-121 ROHM-RPI-121_05 Datasheet
75Kb / 2P
   Photointerrupter, Ultraminiature type
PRI-129B ROHM-PRI-129B Datasheet
96Kb / 3P
   Photointerrupter, Ultraminiature DIP type
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com