Zakładka z wyszukiwarką danych komponentów |
|
KA3843BD Arkusz danych(PDF) 2 Page - Fairchild Semiconductor |
|
KA3843BD Arkusz danych(HTML) 2 Page - Fairchild Semiconductor |
2 / 10 page KA3842B/KA3843B/KA3844B/KA3845B 2 Absolute Maximum Ratings Note: 1. Board Thickness 1.6mm, Board Dimension 76.2mm ×114.3mm, (Reference EIA / JSED51-3, 51-7) 2. Do not exceeed PD and SOA (Safe Operation Area) Power Dissipation Curve Thermal Data Pin Array Parameter Symbol Value Unit Supply Voltage VCC 30 V Output Current IO ±1A Analog Inputs (Pin 2.3) V(ANA) -0.3 to 6.3 V Error Amp Output Sink Current ISINK (E.A) 10 mA Power Dissipation at TA ≤25°C (8DIP) PD(Note1,2) 1200 mW Power Dissipation at TA ≤25°C (14SOP) PD(Note1,2) 680 mW Storage Temperature Range TSTG -65 ~ +150 °C Lead Temperature (Soldering, 10sec) TLEAD +300 °C Characteristic Symbol 8-DIP 14-SOP Unit Thermal Resistance Junction-ambient Rthj-amb(MAX) 100 180 °C/W 800 700 600 500 400 300 900 1000 1100 0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 AMBIENT TEMPERATURE (℃) 1200 8DIP 14SOP 800 700 600 500 400 300 900 1000 1100 0 10 20 304050 30 40 50 60 70 80 60 70 80 90 100 110 90 100 110 120 130 140 120 130 140 150 AMBIENT TEMPERATURE (℃) 1200 8DIP 14SOP VCC GND PWR GND COMP 1 N/C 2 VFB N/C 3 4 VREF N/C PWR VC 14 13 12 11 CURRENT SENSE 5 N/C RT/CT 6 7 OUTPUT 10 9 8 COMP 1 VFB 2 CURRENT SENSE RT/CT 3 4 VREF VCC OUTPUT GND 8 7 6 5 8DIP,8SOP 14SOP VCC GND PWR GND COMP 1 N/C 2 VFB N/C 3 4 VREF N/C PWR VC 14 13 12 11 CURRENT SENSE 5 N/C RT/CT 6 7 OUTPUT 10 9 8 VCC GND PWR GND COMP 1 N/C 2 VFB N/C 3 4 VREF N/C PWR VC 14 13 12 11 CURRENT SENSE 5 N/C RT/CT 6 7 OUTPUT 10 9 8 COMP 1 VFB 2 CURRENT SENSE RT/CT 3 4 VREF VCC OUTPUT GND 8 7 6 5 COMP 1 VFB 2 CURRENT SENSE RT/CT 3 4 VREF VCC OUTPUT GND 8 7 6 5 8DIP,8SOP 14SOP 8-DIP |
Podobny numer części - KA3843BD |
|
Podobny opis - KA3843BD |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |